Electronic Components Datasheet Search
  English  ▼

X  

GSAC-8.507BC Datasheet(PDF) 1 Page - STMicroelectronics

Part # GSAC-8.507BC
Description  BATTERY CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GSAC-8.507BC Datasheet(HTML) 1 Page - STMicroelectronics

  GSAC-8.507BC Datasheet HTML 1Page - STMicroelectronics GSAC-8.507BC Datasheet HTML 2Page - STMicroelectronics GSAC-8.507BC Datasheet HTML 3Page - STMicroelectronics GSAC-8.507BC Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSAC-8.507BC
BATTERY CHARGER
February 1994
1/4
Type
Vin
Vout
Iout
GSAC-8.507BC
230 VRMS
8.5 V
700 mA
FEATURES
Charge of NiCd or NiMH batteries
Switch mode constant current generation
Three level charging current (fast, trickle, zero
charging current)
Overcharge detection by -
∆ V and ∆T/∆t under
internal microprocessor control
No discharge of the battery when charger is
turned off
Initial trickle charge for deeply discharged batter-
ies
Maximum battery voltage protection
Maximum battery temperature protection
Timer back up protection
Output short circuit protection
Detection of fault battery
Charge status displayed by LED
European or UK plug
DESCRIPTION
The GSAC-8.507BC is a high efficiency battery charger for connection to the mains and to be used with
5 cells NiCd and NiMH batteries.
Two versions of the INPUT PLUG ADAPTOR are available:
EUROPEAN VERSION : GSAC-8.507BC-1 (ORDERING NUMBER)
UK VERSION :
GSAC-8.507BC-2 (ORDERING NUMBER)
(See pag. 3 for mechanical data)


Similar Part No. - GSAC-8.507BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSAC-8507BC-1 STMICROELECTRONICS-GSAC-8507BC-1 Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSAC-8507BC-2 STMICROELECTRONICS-GSAC-8507BC-2 Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
More results

Similar Description - GSAC-8.507BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
BATTERY CHARGER
GSCC-8.507BC-E
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
Smart Battery Charger
logo
New Japan Radio
NJM2337 NJRC-NJM2337 Datasheet
129Kb / 6P
Battery Charger IC
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
Fast Battery Charger
25th Aug 94
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com