Electronic Components Datasheet Search
  English  ▼

X  

8091431 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8091431
Description  Compact cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8091431 Datasheet(HTML) 1 Page - Festo Corporation.

  8091431 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact cylinder
ADN-S-20-5-A-P
Part number: 8091431
Data sheet
Feature
Value
Stroke
5 mm
Piston diameter
20 mm
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Piston rod end
External thread
Structural design
Piston
Piston rod
Symbol
00991227
Variants
Piston rod at one end
Operating pressure
0.06 MPa ... 1 MPa
Operating pressure
0.6 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
0 °C ... 60 °C
Impact energy in the end positions
0.14 J
Theoretical force at 6 bar, retracting
141 N
Theoretical force at 6 bar, advancing
188 N
Moving mass at 0 mm stroke
11 g
Additional weight per 10 mm stroke
26 g
Basic weight with 0 mm stroke
51 g
Additional moving mass per 10 mm stroke
6 g
Type of mounting
Optionally:
With through-hole
With internal thread
With accessories
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy, anodized
Material of dynamic seals
NBR
Housing material
Wrought aluminum alloy, anodized
Piston rod material
High-alloy stainless steel
12/2/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 8091431

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8091430 FESTO-8091430 Datasheet
93Kb / 1P
Compact air cylinder
12/2/21
8091432 FESTO-8091432 Datasheet
93Kb / 1P
Compact air cylinder
12/2/21
8091433 FESTO-8091433 Datasheet
92Kb / 1P
Compact cylinder
12/2/21
8091434 FESTO-8091434 Datasheet
93Kb / 1P
Compact air cylinder
12/2/21
8091435 FESTO-8091435 Datasheet
92Kb / 1P
Compact cylinder
12/2/21
More results

Similar Description - 8091431

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8091418 FESTO-8091418 Datasheet
91Kb / 1P
Compact cylinder
11/30/21
8091426 FESTO-8091426 Datasheet
91Kb / 1P
Compact cylinder
11/30/21
8091671 FESTO-8091671 Datasheet
92Kb / 1P
Compact cylinder
11/30/21
8142509 FESTO-8142509 Datasheet
87Kb / 1P
Compact cylinder
11/30/21
8142513 FESTO-8142513 Datasheet
91Kb / 1P
Compact cylinder
11/30/21
8142515 FESTO-8142515 Datasheet
91Kb / 1P
Compact cylinder
11/30/21
8142519 FESTO-8142519 Datasheet
84Kb / 1P
Compact cylinder
11/30/21
8091435 FESTO-8091435 Datasheet
92Kb / 1P
Compact cylinder
12/2/21
8091447 FESTO-8091447 Datasheet
92Kb / 1P
Compact cylinder
12/2/21
8092099 FESTO-8092099 Datasheet
91Kb / 1P
Compact cylinder
12/2/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com