Electronic Components Datasheet Search
  English  ▼

X  

1553DBKBAT Datasheet(PDF) 3 Page - BusBoard Prototype Systems Ltd.

Part # 1553DBKBAT
Description  A Hammond 1553DBAT soft-side plastic enclosure with battery compartment, packaged with a matching ProtoBoard 2-hole per strip PCB.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

1553DBKBAT Datasheet(HTML) 3 Page - BusBoard Prototype Systems Ltd.

  1553DBKBAT Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 2Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 3Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 4Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 5Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 6Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BusBoard Prototype Systems - Built for designers
www.BusBoard.com
sales@busboard.com
BPS-MAR-PR1553DBAT-001 Rev 4.00
PCB Mechanical Dimensions
Hammond 1553DxBAT Hand Held Case Features
Note: The box is NOT included with BPS part#
PR1553DBAT.
The box is included with part# KIT-1553DBAT-BK.
Soft-sided ergonomic hand held electronic case.
Box Size 5.8 x 3.5 x 1.0 inches (147 x 89 x 26 mm)
Battery compartment for 2xAA or 9V batteries
(battery clips included). Long life "three snap"
battery door.
1 removable end panel (included).
Built-in PCB standoffs.
Box closed with self tapping screws (included).
Recessed top for membrane display or keypad.
Lap joint construction provides protection against
dust accumulation and splashing water.
Black/Gray, Black/Black, Gray/Gray, Yellow, Red,
and Translucent Blue colors available.
To order the box by itself, use Hammond part #’s
1553DBKBAT, 1553DGYBAT, 1553DBKBKBAT,
1553DTBUBKBAT, 1553DRDBKBAT,
1553DYLBKBAT
See http://www.hammondmfg.com/1553.htm
http://www.hammondmfg.com/1553colors.htm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com