Electronic Components Datasheet Search
  English  ▼

X  

SMDB05 Datasheet(PDF) 2 Page - Protek Devices

Part # SMDB05
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDB05 Datasheet(HTML) 2 Page - Protek Devices

  SMDB05 Datasheet HTML 1Page - Protek Devices SMDB05 Datasheet HTML 2Page - Protek Devices SMDB05 Datasheet HTML 3Page - Protek Devices SMDB05 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05166.R2 3/05
SMDB05
thru
SMDB24C
DEVICE CHARACTERISTICS
Note 1: Only applies to unidirectional devices.
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
800
Watts
Forward Voltage @ 100mA, 300µs - Square Wave (Note 1)
Volts
1.5
VF
Note 1: Part numbers with a “C” suffix are bidirectional devices, i.e., SMDB05C.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
PER LINE
@0V, 1 MHz
C
pF
SMDB05
SMDB05C
SMDB08
SMDB08C
SMDB12
SMDB12C
SMDB15
SMDB15C
SMDB24
SMDB24C
PDA
PDB
PDJ
PDK
PDC
PDD
PDE
PDF
PDG
PDH
6.0
6.0
8.5
8.5
13.3
13.3
16.7
16.7
26.7
26.7
9.8
9.8
13.4
13.4
19.0
19.0
24.0
24.0
40.0
40.0
24.6V @ 45.0A
24.6V @45.0A
25.5V @ 40.0A
25.5V @ 40.0A
32.9V @ 34.0A
32.9V @ 34.0A
38.5V @ 27.0A
38.5V @ 27.0A
48.5V @ 20.0A
48.5V @ 20.0A
880
493
800
450
440
248
400
225
275
155
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
200
200
10
10
2
2
2
2
2
2
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
24.0
24.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com