Electronic Components Datasheet Search
  English  ▼

X  

SMF05C Datasheet(PDF) 4 Page - Protek Devices

Part # SMF05C
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMF05C Datasheet(HTML) 4 Page - Protek Devices

  SMF05C Datasheet HTML 1Page - Protek Devices SMF05C Datasheet HTML 2Page - Protek Devices SMF05C Datasheet HTML 3Page - Protek Devices SMF05C Datasheet HTML 4Page - Protek Devices SMF05C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05138.R8 6/05
SMF05C
thru
SMF24C
APPLICATION NOTE
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following
guidelines are recommended:
✔ The protection device should be placed near the
input terminals or connectors, the device will
divert the transient current immediately before it
can be coupled into the nearby traces.
✔ The path length between the TVS device and
the protected line should be minimized.
✔ All conductive loops including power and ground
loops should be minimized.
✔ The transient current return path to ground
should be kept as short as possible to reduce
parasitic inductance.
✔ Ground planes should be used whenever
possible. For multilayer PCBs, use ground vias.
The SMFC Series are TVS arrays designed to protect I/O or data lines from the damaging effects of ESD or EFT. This product provides both
unidirectional and bidirectional protection, with a surge capability of 100 Watts P
PP per line for an 8/20µs waveshape and ESD protection > 25
kilovolts.
UNIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
The SMFC Series provides up to four (4) lines of protection in a common-mode
configuration as depicted in Figure 1.
Circuit connectivity is as follows:
✔ Line 1 is connected to Pin 1.
✔ Line 2 is connected to Pin 3.
✔ Line 3 is connected to Pin 4.
✔ Line 4 is connected to Pin 6.
✔ Pin 2 is connected to ground.
BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGURATION (Figure 2)
The SMFC Series provides up to five (5) lines of protection in a differential-mode
configuration as depicted in Figure 2.
Circuit connectivity is as follows:
✔ Line 1 is connected to Pin 1.
✔ Line 2 is connected to Pin 3.
✔ Line 3 is connected to Pin 4.
✔ Line 4 is connected to Pin 5.
✔ Line 5 is connected to Pin 6.
✔ Pin 2 is not connected.
Figure 1 - Unidirectional Configuration
Common-Mode I/O Port Protection
3
1
5
6
2
4
LINE 1
LINE 2
LINE 3
LINE 4
Figure 2 - Bidirectional Configuration
Differential-Mode I/O Port Protection
3
1
5
6
2
4
LINE 1
LINE 2
LINE 3
LINE 4
LINE 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com