Electronic Components Datasheet Search
  English  ▼

X  

0801426 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801426
Description  Conductor marker - UCT-WMT (30X4) GN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801426 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801426 Datasheet HTML 1Page - PHOENIX CONTACT 0801426 Datasheet HTML 2Page - PHOENIX CONTACT 0801426 Datasheet HTML 3Page - PHOENIX CONTACT 0801426 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0801426
09/11/2020   Page 1 / 4
Conductor marker - UCT-WMT (30X4) GN - 0801426
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Conductor marker, Sheet, green, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK LASER,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME, THERMOMARK
CARD 2.0, THERMOMARK CARD, mounting type: insert, cable diameter range: 1.5 ... 14 mm, lettering field
size: 30 x 4 mm, Number of individual labels: 30
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4046356677028
Technical data
Dimensions
Length (b)
4 mm
Width (a)
30 mm
Cable diameter
1.5 mm ... 14 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
green
Components
free from silicone and halogen
Flammability rating according to UL 94
V0
Material
PC V0
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
30
Number of individual labels per row
10


Similar Part No. - 0801426

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801422 PHOENIX-0801422 Datasheet
190Kb / 6P
UCT-WMT (30X4) - Conductor marker
0801423 PHOENIX-0801423 Datasheet
193Kb / 6P
UCT-WMT (30X4) YE - Conductor marker
0801424 PHOENIX-0801424 Datasheet
197Kb / 6P
UCT-WMT (30X4) RD - Conductor marker
0801425 PHOENIX-0801425 Datasheet
196Kb / 6P
UCT-WMT (30X4) OG - Conductor marker
0801427 PHOENIX-0801427 Datasheet
187Kb / 5P
UCT-WMT (30X4) VT - Conductor marker
More results

Similar Description - 0801426

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0818865 PHOENIX-0818865 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com