Electronic Components Datasheet Search
  English  ▼

X  

0801650 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801650
Description  Cable sleeve - CES-LRG-BK-30
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801650 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801650 Datasheet HTML 1Page - PHOENIX CONTACT 0801650 Datasheet HTML 2Page - PHOENIX CONTACT 0801650 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0801650
09/11/2020   Page 1 / 3
Cable sleeve - CES-LRG-BK-30 - 0801650
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Large, slotted cable sleeves suitable for cables with a diameter of 29 ... 30 mm, material: NBR
Product Description
Slotted cable sleeve
Slotted sleeves for accommodating pre-assembled cables and lines with a diameter of 29 mm ... 30 mm, can be used in CES sealing frames.
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4046356674409
Technical data
Dimensions
External cable diameter
1x 29 mm ... 30 mm
Length
53 mm
Width
39 mm
Height
17 mm
Ambient conditions
Degree of protection
IP54 (Observe the assembly instructions)
Ambient temperature (operation)
-40 °C ... 125 °C (static)
General
No. of conductors
1
Material
NBR
NBR
Color
black
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e


Similar Part No. - 0801650

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801651 PHOENIX-0801651 Datasheet
305Kb / 7P
CES-B16-SF-PLBK - Snap-on frame
0801653 PHOENIX-0801653 Datasheet
242Kb / 6P
CES-LRG-BK-31 - Cable sleeve
0801654 PHOENIX-0801654 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-32
09/11/2020
0801655 PHOENIX-0801655 Datasheet
305Kb / 7P
CES-B10-SF-PLBK - Snap-on frame
0801656 PHOENIX-0801656 Datasheet
242Kb / 6P
CES-LRG-BK-33 - Cable sleeve
More results

Similar Description - 0801650

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801626 PHOENIX-0801626 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-18
09/11/2020
0801631 PHOENIX-0801631 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-20
09/11/2020
0801637 PHOENIX-0801637 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-22
09/11/2020
0801640 PHOENIX-0801640 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-25
09/11/2020
0801644 PHOENIX-0801644 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-27
09/11/2020
0801646 PHOENIX-0801646 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-28
09/11/2020
0801648 PHOENIX-0801648 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-29
09/11/2020
0801654 PHOENIX-0801654 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-32
09/11/2020
0801671 PHOENIX-0801671 Datasheet
67Kb / 4P
Blind sleeve - CES-LRG-BK
09/11/2020
0801634 PHOENIX-0801634 Datasheet
52Kb / 3P
Cable sleeve - CES-LRG-BK-21
12/11/2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com