Electronic Components Datasheet Search
  English  ▼

X  

0801657 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801657
Description  Cable sleeve - CES-SRG-BK-2X5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801657 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801657 Datasheet HTML 1Page - PHOENIX CONTACT 0801657 Datasheet HTML 2Page - PHOENIX CONTACT 0801657 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0801657
09/11/2020   Page 1 / 3
Cable sleeve - CES-SRG-BK-2X5 - 0801657
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable sleeve, no. of conductors: 2, length: 29.5 mm, width: 19.5 mm, height: 17 mm, external cable diameter:
2x 4 mm ... 5 mm , color: black
Product Description
Slotted cable sleeve
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4046356674447
Technical data
Dimensions
External cable diameter
2x 4 mm ... 5 mm
Length
29.5 mm
Width
19.5 mm
Height
17 mm
Ambient conditions
Degree of protection
IP54
Ambient temperature (operation)
-40 °C ... 125 °C (static)
General
No. of conductors
2
Material
NBR
NBR
Color
black
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e


Similar Part No. - 0801657

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801650 PHOENIX-0801650 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-30
09/11/2020
0801651 PHOENIX-0801651 Datasheet
305Kb / 7P
CES-B16-SF-PLBK - Snap-on frame
0801653 PHOENIX-0801653 Datasheet
242Kb / 6P
CES-LRG-BK-31 - Cable sleeve
0801654 PHOENIX-0801654 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-32
09/11/2020
0801655 PHOENIX-0801655 Datasheet
305Kb / 7P
CES-B10-SF-PLBK - Snap-on frame
More results

Similar Description - 0801657

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801616 PHOENIX-0801616 Datasheet
67Kb / 3P
Cable sleeve - CES-SRG-BK-13
09/11/2020
0801617 PHOENIX-0801617 Datasheet
67Kb / 3P
Cable sleeve - CES-SRG-BK-12
09/11/2020
0801620 PHOENIX-0801620 Datasheet
67Kb / 3P
Cable sleeve - CES-SRG-BK-10
09/11/2020
0801627 PHOENIX-0801627 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-7
09/11/2020
0801630 PHOENIX-0801630 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-5
09/11/2020
0801635 PHOENIX-0801635 Datasheet
65Kb / 3P
Cable sleeve - CES-SRG-BK-2
09/11/2020
0801640 PHOENIX-0801640 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-25
09/11/2020
0801666 PHOENIX-0801666 Datasheet
68Kb / 3P
Cable sleeve - CES-SRG-BK-4X4
09/11/2020
0801718 PHOENIX-0801718 Datasheet
72Kb / 4P
Cable sleeve - CES-SRC-BK
09/11/2020
0801719 PHOENIX-0801719 Datasheet
57Kb / 3P
Cable sleeve - CES-LRC-BK
10/10/2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com