Electronic Components Datasheet Search
  English  ▼

X  

STF701 Datasheet(PDF) 1 Page - Protek Devices

Part # STF701
Description  EMI FILTER/TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

STF701 Datasheet(HTML) 1 Page - Protek Devices

  STF701 Datasheet HTML 1Page - Protek Devices STF701 Datasheet HTML 2Page - Protek Devices STF701 Datasheet HTML 3Page - Protek Devices STF701 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STF701
1
05129.R7 10/05
www.protekdevices.com
EMI FILTER/TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Cellular Phones
✔ SMART Cards
✔ Notebooks
✔ Personal Digital Assistant (PDA)
✔ Ground Positioning System (GPS)
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 25 kilovolts
✔ 175 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ Bidirectional EMI Filtering
✔ Low Insertion Loss: Up to 10MHz, -3db Roll-Off @ 40MHz
✔ Protects Up to Two (2) Data Lines
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SC-70-5L
✔ Weight 7 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATION
1
3
5
4
2
IN 1
GND
IN 2
OUT 1
OUT 2
SC-70-5L


Similar Part No. - STF701

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF701 SEMTECH-STF701 Datasheet
173Kb / 6P
T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
emi filter/tvs array
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
logo
Semtech Corporation
STF701TC SEMTECH-STF701TC Datasheet
173Kb / 6P
T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
STF701TG SEMTECH-STF701TG Datasheet
173Kb / 6P
T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
More results

Similar Description - STF701

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
EMI FILTER/TVS ARRAY
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
emi filter/tvs array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com