Electronic Components Datasheet Search
  English  ▼

X  

CONMCX013 Datasheet(PDF) 4 Page - Linx Technologies

Part # CONMCX013
Description  MCX Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONMCX013 Datasheet(HTML) 4 Page - Linx Technologies

  CONMCX013 Datasheet HTML 1Page - Linx Technologies CONMCX013 Datasheet HTML 2Page - Linx Technologies CONMCX013 Datasheet HTML 3Page - Linx Technologies CONMCX013 Datasheet HTML 4Page - Linx Technologies CONMCX013 Datasheet HTML 5Page - Linx Technologies CONMCX013 Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Datasheet
CONMCX013
Environmental Specifications
MIL-STD/Method/Test Condition
Corrosion (Salt spray)
ASTM B-117
Thermal Shock
MIL-STD-202 Method 107 test condition F
Vibration
MIL-STD-202 Method 204 test condition B
Mechanical Shock
MIL-STD-202 Method 213 test condition B
Temperature Range
-65 °C to +165 °C
Environmental Compliance
RoHS
Reflow Solder Profile
Figure 5 shows the temperature and time data for reflow soldering the connector to a printed circuit board.
125°C
185°C
217°C
255°C
235°C
60
120
30
150
180
210
240
270
300
330
360
0
90
50
100
150
200
250
300
Recommended RoHS Profile
Max RoHS Profile
Recommended Non-RoHS Profile
180°C
Time (Seconds)
Figure 5. Recommended Reflow Solder Profile



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com