Electronic Components Datasheet Search
  English  ▼

X  

0803663 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803663
Description  Label sheet, DIN A4 - BMKL 15X 9 WH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803663 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803663 Datasheet HTML 1Page - PHOENIX CONTACT 0803663 Datasheet HTML 2Page - PHOENIX CONTACT 0803663 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0803663
09/11/2020   Page 1 / 3
Label sheet, DIN A4 - BMKL 15X 9 WH - 0803663
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label sheet, DIN A4, Sheet, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, Office
printing systems, mounting type: adhesive, lettering field size: 15 x 9 mm, Number of individual labels: 290
Your advantages
 These labels have been specially developed for laser printers
 The unperforated SK U ... sheets are available for custom label designs
 Labeling service: Phoenix Contact can custom-label all BMKL ... markers according to your requirements
 The material file can be downloaded under the CLIP PROJECT software under Downloads - “Software update - Marking”.
 Can be printed on all commercially available laser printers
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4017918007621
Technical data
Dimensions
Length (b)
9 mm
Width (a)
15 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
General
Note
Print image may vary depending on laser printer
Color
white
Base element material
Polyester
Components
Silicone-free
Material
Polyester


Similar Part No. - 0803663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803666 PHOENIX-0803666 Datasheet
66Kb / 3P
Marker for terminal blocks - UCTU-TM (3,5X7)
0803668 PHOENIX-0803668 Datasheet
182Kb / 5P
TMP/ACCU - Battery
0803669 PHOENIX-0803669 Datasheet
172Kb / 4P
TMP/ACCU COVER - Battery compartment cover
More results

Similar Description - 0803663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800705 PHOENIX-0800705 Datasheet
66Kb / 3P
Label sheet, DIN A4 - BMKL 19X11 YE
0803676 PHOENIX-0803676 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X12,5 SR
0803692 PHOENIX-0803692 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X27 SR
0803702 PHOENIX-0803702 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X 8 SR
0807096 PHOENIX-0807096 Datasheet
47Kb / 3P
Label sheet, DIN A4 - BMKL 16X 6 YE
0807106 PHOENIX-0807106 Datasheet
49Kb / 2P
Label sheet, DIN A4 - BMKL 26.8 X 6.8 WH
0813792 PHOENIX-0813792 Datasheet
43Kb / 2P
Label sheet, DIN A4 - BMKLT 19X12 WH
0813815 PHOENIX-0813815 Datasheet
43Kb / 2P
Label sheet, DIN A4 - BMKLT 41,5X12 WH
0824254 PHOENIX-0824254 Datasheet
50Kb / 3P
Label sheet, DIN A4 - BMKL 27X12,5 SR CUS
5032293 PHOENIX-5032293 Datasheet
84Kb / 3P
BMKL 18X 6 WH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com