Electronic Components Datasheet Search
  English  ▼

X  

0803674 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803674
Description  Transport bag - TMP BAG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803674 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803674 Datasheet HTML 1Page - PHOENIX CONTACT 0803674 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803674
09/11/2020   Page 1 / 2
Transport bag - TMP BAG - 0803674
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Transport bag, unequipped for THERMOMARK PRIME, accessories, marking material, and consumables,
weight: 2.39 kg, width: 180 mm, height: 460 mm, color: black
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626247755
Technical data
Dimensions
Length (b)
390 mm
Width (a)
180 mm
Depth
180 mm
Height (c)
460 mm
General
Color
black
Material
Polyester
Weight
2.39 kg
Classifications
eCl@ss
eCl@ss 10.0.1
21100190
eCl@ss 4.0
21100100
eCl@ss 4.1
21100100
eCl@ss 5.0
21100100
eCl@ss 5.1
21100100
eCl@ss 6.0
21100100
eCl@ss 7.0
21100190
eCl@ss 8.0
21100190
eCl@ss 9.0
21100190


Similar Part No. - 0803674

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803670 PHOENIX-0803670 Datasheet
178Kb / 4P
TMP/CHARGER - Charger
0803671 PHOENIX-0803671 Datasheet
178Kb / 4P
TMP/CHARGER CABLE VEHICLE 12V - Cable
0803672 PHOENIX-0803672 Datasheet
185Kb / 5P
TMP/EXT.POWER-SUPPLY 100-240V - Power supply unit
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
0803676 PHOENIX-0803676 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X12,5 SR
More results

Similar Description - 0803674

ManufacturerPart #DatasheetDescription
logo
3M Electronics
70068 3M-70068 Datasheet
70Kb / 3P
MOISTURE BARRIER BAG, ALUMINIZED
logo
List of Unclassifed Man...
316836-3 ETC2-316836-3 Datasheet
86Kb / 5P
SERIES AIR BAG COLUMN CONNECTOR
logo
PHOENIX CONTACT
1212499 PHOENIX-1212499 Datasheet
45Kb / 2P
Tool bag - TOOL-CARRIER EMPTY
1212500 PHOENIX-1212500 Datasheet
48Kb / 2P
Tool bag, unequipped - TOOL-BAG EMPTY
1212503 PHOENIX-1212503 Datasheet
77Kb / 6P
Tool bag - TOOL-CARRIER
1212504 PHOENIX-1212504 Datasheet
75Kb / 6P
Tool bag - TOOL-BAG
1212505 PHOENIX-1212505 Datasheet
79Kb / 4P
Tool bag, equipped - TOOL-WRAP
0805003 PHOENIX-0805003 Datasheet
403Kb / 2P
Transport bag - THERMOMARK GO.K BAG
1229457 PHOENIX-1229457 Datasheet
46Kb / 2P
Transport bag - THERMOMARK GO BAG
logo
SparkFun Electronics
TOL-14683 SPARKFUN-TOL-14683 Datasheet
84Kb / 2P
SparkFun Tool Bag Kit
9??7??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com