Electronic Components Datasheet Search
  English  ▼

X  

IXFE34N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFE34N100
Description  HiPerFET-TM Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFE34N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFE34N100 Datasheet HTML 1Page - IXYS Corporation IXFE34N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS = 0 V, ID = 3mA
1000
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = ±20V, VGS = 0V
±200 nA
I
DSS
V
DS = VDSS
T
J =
25
°C
100
µA
V
GS = 0 V
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = IT
36N100
0.24
Ω
Note 2
34N100
0.28
Ω
HiPerFETTM
Power MOSFET
Single MOSFET Die
Symbol Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
1000
V
V
DGR
T
J
= 25°C to 150°C, R
GS = 1MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
36N100
33
A
34N100
30
A
I
DM
T
C = 25°C;
Note 1
36N100
144
A
34N100
136
A
I
AR
T
C = 25°C
36
A
E
AR
T
C = 25°C
64
mJ
E
AS
T
C = 25°C
4
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C = 25°C
580
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
19
g
V
DSS
I
D25
R
DS(on)
IXFE 36N100 1000 V 33 A
0.24
Ω
Ω
Ω
Ω
Ω
IXFE 34N100 1000 V 30 A
0.28
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns
Preliminary data sheet
Features
•Conforms to SOT-227B outline
•Low R
DS (on) HDMOS
TM
process
•Ruggedpolysilicongatecellstructure
•UnclampedInductiveSwitching(UIS)
rated
•Lowpackageinductance
•FastintrinsicRectifier
Applications
• DC-DC converters
• Batterychargers
• Switched-modeandresonant-mode
power supplies
• DC choppers
• Temperatureandlightingcontrols
Advantages
• Low cost
• Easy to mount
• Space savings
• High power density
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
98897 (1/02)
ISOPLUS 227TM (IXFE)
S
G
S
D


Similar Part No. - IXFE34N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFE39N90 IXYS-IXFE39N90 Datasheet
121Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
More results

Similar Description - IXFE34N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VMM85-02F IXYS-VMM85-02F Datasheet
91Kb / 4P
Dual Power HiPerFET-TM Module
IXFC80N08 IXYS-IXFC80N08 Datasheet
75Kb / 2P
HIPERFET-TM MOSFET ISOPLUS220-TM
VMO650-01F IXYS-VMO650-01F Datasheet
54Kb / 2P
HiPerFET-TM MOSFET Module
IXFR50N50 IXYS-IXFR50N50 Datasheet
84Kb / 2P
HiPerFET-TM Power MOSFETs ISOPLUS247-TM
VMM90-09F IXYS-VMM90-09F Datasheet
240Kb / 2P
Dual Power HiPerFET-TM Module
IXFE180N10 IXYS-IXFE180N10 Datasheet
78Kb / 2P
HiPerFET-TM Power MOSFET
IXFN23N100 IXYS-IXFN23N100 Datasheet
91Kb / 4P
HiPerFET-TM Power MOSFET
IXFR180N085 IXYS-IXFR180N085 Datasheet
42Kb / 2P
HiPerFET-TM Power MOSFETs ISOPLUS247-TM (Electrically Isolated Back Surface)
IXFN21N100Q IXYS-IXFN21N100Q Datasheet
135Kb / 4P
HiPerFET TM Power MOSFETs Q-Class
IXFB38N100Q2 IXYS-IXFB38N100Q2 Datasheet
126Kb / 4P
HiPerFET TM Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com