Electronic Components Datasheet Search
  English  ▼

X  

COM-11222 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11222
Description  EL Inverter - Battery Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11222 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11222 Datasheet HTML 1Page - SparkFun Electronics COM-11222 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EL Inverter - Battery Pack
COM-1 1222 RO HS
images are CC BY-NC-SA 3.0
Description: Even though the Tron movies have been out for a while,
electroluminescence is still the coolest thing since sliced bread. The only downer is
carrying around a battery pack and bulky external inverter. Good news, we’ve found a
slim battery-powered inverter for your next small EL project! This little black box takes
two AA batteries and has two JST connectors for your EL wire/panel/tape. There are
two modes: continuous on and flashing and it even has a belt clip!
We got a chance to play with these inverters and you can easily hack these to work
with our Li-Po batteries (yep, at the fully charged 4.2V). To get inside, you’ll need to
remove a pair of screws (one is hiding under the CE sticker) and afterwards you’ll
want to wrap things up with electrical tape to avoid getting shocked (it just tingles a
little).
The following current readings were taken while the pack was connected to one or
more of our 3m EL wire:
• Single strand always on: 190 to 260mA
• Single strand blinking: 90 to 120mA
• Two strands always on: ~300mA
• Two strands blinking: ~150mA
Different color strands were used but the lengths were identical. Your mileage may
vary. If you need to pick up some Li-Po batteries, electrical tape or EL wire to hack
your own battery pack, check the related items below!
Page 1 of 2


Similar Part No. - COM-11222

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11274 SPARKFUN-COM-11274 Datasheet
278Kb / 1P
Big Dome Pushbutton - Blue
3/14/2017
COM-11275 SPARKFUN-COM-11275 Datasheet
178Kb / 1P
Big Dome Pushbutton - Green
3/14/2017
COM-11288 SPARKFUN-COM-11288 Datasheet
228Kb / 1P
Heating Pad - 5x10cm
12/7/2016
COM-11289 SPARKFUN-COM-11289 Datasheet
202Kb / 1P
Heating Pad - 5x15cm
12/7/2016
More results

Similar Description - COM-11222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM2007 ETC1-ELM2007 Datasheet
110Kb / 2P
EL INVERTER
logo
Vishay Siliconix
WIEL1 VISHAY-WIEL1 Datasheet
102Kb / 3P
Inverter for EL Panel
01-Oct-02
logo
NXP Semiconductors
BATT-14AAAPACK NXP-BATT-14AAAPACK Datasheet
850Kb / 16P
Configurable AAA Battery Pack
Rev. 1.0, 10/2015
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
logo
Beckhoff Automation Gmb...
C9900-U330 BECKHOFF-C9900-U330 Datasheet
105Kb / 2P
Battery pack
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Pepperl+Fuchs Inc.
EX-BPS02 PF-EX-BPS02 Datasheet
1Mb / 1P
Battery pack
logo
HY-LINE Power Component...
H2B178 HY-LINE-H2B178 Datasheet
745Kb / 5P
1S1P H2B178 Battery Pack
01/21
logo
SparkFun Electronics
COM-12933 SPARKFUN-COM-12933 Datasheet
97Kb / 1P
EL Inverter - 3v (Chasing)
11/24/2015
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com