Electronic Components Datasheet Search
  English  ▼

X  

2779000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 2779000000
Description  Layer 2 Network Switch, 19 rack mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2779000000 Datasheet(HTML) 4 Page - Weidmuller

  2779000000 Datasheet HTML 1Page - Weidmuller 2779000000 Datasheet HTML 2Page - Weidmuller 2779000000 Datasheet HTML 3Page - Weidmuller 2779000000 Datasheet HTML 4Page - Weidmuller 2779000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
 
IE-SW-SL26M-24TX-2GC-LV
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:30:41 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
4
Switch characteristics
 
Bandwidth backplane
8.8 Gbps
  MAC table size
8 K
Max. number of available VLANs
4,095
  Packet buffer size
4 Mbit
Priority queues
8
  VLAN-ID max
4,094
VLAN-ID min
1
   
 
Technical data
 
Housing main material
Metal
  Protection degree
IP30
Speed
Fast/Gigabit Ethernet
  Switch
managed
Type of mounting
19” rack mounting
   
 
Technology
 
Data switching
Store and Forward
  Flow control
IEEE 802.3x flow control
Standard
IEEE 802.3 for 10BASE-T,
IEEE 802.3u for 100BASE-
TX and 100BASE-FX, IEEE
802.3ab for 1000BASE-
T, IEEE 802.3z for
1000BASE-X, IEEE 802.3x
for flow control, IEEE
802.3ad for port trunk
with LACP, IEEE 802.1D
for the Spanning Tree
protocol, IEEE 802.1w for
Rapid STP, IEEE 802.1s
for the Multiple Spanning
Tree Protocol (MSTP),
IEEE 802.1p for Class
of Service, IEEE 802.1Q
for VLAN tagging, IEEE
802.1X for authentication,
IEEE 802.1AB for Link
Layer Discovery protocol
(LLDP), IEEE 1588 PTPv2
for time synchronization
   
 
Classifications
 
ETIM 6.0
EC000734
  ETIM 7.0
EC000734
ETIM 8.0
EC000734
  ECLASS 9.0
19-17-01-06
ECLASS 9.1
19-17-01-06
  ECLASS 10.0
19-17-04-01
ECLASS 11.0
19-17-04-01
   
 
Approvals
 
ROHS
Conform
 
Downloads
 
Approval/Certificate/Document of
Conformity
EU Declaration of Conformity
RCM Declaration of Conformity
Software
SNMP private MIB
User Documentation
Hardware Installation Guide
Catalogues
Catalogues in PDF-format
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com