Electronic Components Datasheet Search
  English  ▼

X  

1004366 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1004366
Description  Crimp contact - CK1,6-ER-2,50BU OIC AG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1004366 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1004366 Datasheet HTML 1Page - PHOENIX CONTACT 1004366 Datasheet HTML 2Page - PHOENIX CONTACT 1004366 Datasheet HTML 3Page - PHOENIX CONTACT 1004366 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1004366
09/12/2020   Page 1 / 4
Crimp contact - CK1,6-ER-2,50BU OIC AG - 1004366
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimp contact,  contact diameter: 1.6 mm,  rolled,  Socket,  contact material: Cu alloy, nickel-plated,  contact
surface: silver-plated,  connection cross section: 1.5 mm² ... 2.5 mm²  AWG 16 ... 14
Key Commercial Data
Packing unit
100 pc
Minimum order quantity
100 pc
GTIN
GTIN
4055626472560
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 125 °C
Mechanical characteristics
Conductor cross section
1.5 mm² ... 2.5 mm²
Connection cross section AWG
16 ... 14
Stripping length of the individual wire
4 mm
Contact diameter
1.6 mm
Insertion/withdrawal cycles
≥ 50
General
Note
This product replaces 1884115 CK1,6-ER-1,50BU AG
Type
Individual female contact
Connection method
Crimp connection
Contact type
rolled
Material data
Contact material
Cu alloy, nickel-plated
Contact surface material
silver-plated


Similar Part No. - 1004366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1004360 PHOENIX-1004360 Datasheet
283Kb / 7P
Crimp contact - CK1,6-ER-1,00ST OIC AG
Sep 8, 2022
logo
Molex Electronics Ltd.
1004361000 MOLEX1-1004361000 Datasheet
40Kb / 1P
Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug,
1004361001 MOLEX1-1004361001 Datasheet
40Kb / 1P
Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
1004361002 MOLEX1-1004361002 Datasheet
40Kb / 1P
Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
logo
PHOENIX CONTACT
1004362 PHOENIX-1004362 Datasheet
237Kb / 6P
CK1,6-ER-1,00BU OIC AG - Crimp contact
More results

Similar Description - 1004366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1663446 PHOENIX-1663446 Datasheet
100Kb / 4P
CK1,6-ED-2,50BU AG
1674985 PHOENIX-1674985 Datasheet
52Kb / 3P
Crimp contact - CK1,6-ED-2,50BU AU
1884089 PHOENIX-1884089 Datasheet
89Kb / 4P
CK1,6-ER-1,50ST AG
1884092 PHOENIX-1884092 Datasheet
91Kb / 4P
CK1,6-ER-0,50ST AG
1884102 PHOENIX-1884102 Datasheet
48Kb / 2P
Crimp contact - CK1,6-ER-2,50ST AG
1884128 PHOENIX-1884128 Datasheet
92Kb / 4P
CK1,6-ER-0,50BU AG
1884131 PHOENIX-1884131 Datasheet
51Kb / 3P
Crimp contact - CK1,6-ER-2,50BU AG
1884199 PHOENIX-1884199 Datasheet
50Kb / 2P
Crimp contact - CK1,6-BR-2,50BU AG
1004360 PHOENIX-1004360 Datasheet
283Kb / 7P
Crimp contact - CK1,6-ER-1,00ST OIC AG
Sep 8, 2022
1004365 PHOENIX-1004365 Datasheet
287Kb / 7P
Crimp contact - CK1,6-ER-2,50ST OIC AG
Nov 30, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com