Electronic Components Datasheet Search
  English  ▼

X  

09200035455 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09200035455
Description  Han 3A CP, black, cord/loop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09200035455 Datasheet(HTML) 1 Page - HARTING Technology Group

  09200035455 Datasheet HTML 1Page - HARTING Technology Group 09200035455 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 20 003 5455
Han 3A CP, black, cord/loop
Han 3A CP, black, cord/loop
Image is for illustration purposes only. Please refer to product description.
Part number
09 20 003 5455
Specification
Han 3A CP, black, cord/loop
HARTING eCatalogue
https://b2b.harting.com/09200035455
Identification
Category
Hoods/Housings
Series of hoods/housings
Han A®
Type of hood/housing
Protection cover
Description of hood/housing
for cable to cable housing
Thermoplastic
With fixing cord
Version
Size
3 A
Locking type
Single locking lever
Field of application
Standard Hoods/housings for industrial applications
Details
for mounted male insert
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP65 / IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
4
4X
12
Material properties
Material (hood/housing)
Polycarbonate (PC)
Colour (hood/housing)
RAL 9005 (jet black)
Page 1 / 2 | Creation date 2021-11-17 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09200035455

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09200035450 HARTING-09200035450 Datasheet
456Kb / 2P
Han 3A-AK (Kunstst. sw) Protection cover
09200035452 HARTING-09200035452 Datasheet
439Kb / 2P
Han 3A Thermopl Cover black Lever loop25
2021-10-01
More results

Similar Description - 09200035455

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-30-006-5416 HARTING-09-30-006-5416 Datasheet
464Kb / 2P
Han 6B-CP f. HBM/HSM w. cord V2A
09-20-003-0427 HARTING-09-20-003-0427 Datasheet
452Kb / 2P
Han 3A-gg-11 PC, black
19-41-016-5402 HARTING-19-41-016-5402 Datasheet
487Kb / 2P
Han-Eco Mod.16-C-f. HCC-cord, loop
19-41-006-5402 HARTING-19-41-006-5402 Datasheet
484Kb / 2P
Han-Eco Mod.6-C-f. HCC-cord, loop
19-41-006-5407 HARTING-19-41-006-5407 Datasheet
531Kb / 2P
Han-Eco Mod.6-C-f. HTE/HSE-cord, loop
19-41-010-5402 HARTING-19-41-010-5402 Datasheet
488Kb / 2P
Han-Eco Mod.10-C-f. HCC-cord loop
19-41-024-5402 HARTING-19-41-024-5402 Datasheet
494Kb / 2P
Han-Eco Mod.24-C-f. HCC-cord, loop
09-00-000-5242 HARTING-09-00-000-5242 Datasheet
471Kb / 1P
Han 3A-SL Thermoplastic (black)
2021-12-17
09-00-000-5410 HARTING-09-00-000-5410 Datasheet
471Kb / 1P
Han 3A lever, black
2021-12-17
DS_09200030327_EN HARTING-DS_09200030327_EN Datasheet
109Kb / 2P
Han 3A-HBM/P-DL-black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com