Electronic Components Datasheet Search
  English  ▼

X  

AV2011 Datasheet(PDF) 1 Page - Ultralife Corporation.

Part # AV2011
Description  UHF Satellite Communication (SATCOM) Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

AV2011 Datasheet(HTML) 1 Page - Ultralife Corporation.

  AV2011 Datasheet HTML 1Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AV2011 Specifications
Frequency
240-318 MHz
VSWR
1.5:1
Polarization
Right Hand Circular
Gain
+ 9.6 dBic Nominal @244 MHz
+ 15.0 dBic Nominal @318 MHz
Wind Loading
Designed to withstand 80 mph
Power Handling
200 Watts CW
Axial Ratio
3 dB
Weight
35 pounds
Connector
N Male
Finish
Black
Military P/N (AV2011)
NSN 5985-01-449-3240
www.ultralifecorporation.com
2000 Technology Parkway, Newark, New York | 315-332-7100 | Fax: 315-331-7800
©2010 Ultralife Corporation • www.ultralifecorp.com • all specifications subject to change without notice
The information contained herein is for reference only and does not constitute a warranty of performance.
AV 2011 UHF Satellite Communication (SATCOM) Antenna
Details
The AV 2011 is a foldable, high-gain,
UHF SATCOM antenna designed to
withstand wind loading in excess of 80
mph. This high performance antenna can
be deployed in less than 3 minutes using
arctic gloves. The AV 2011 antenna
system is directly compatible with
AN/PSC-3, AN/WSC-3, URC-1110, HST-
4A, LST-5B, AN/PSC-5, AN/PRC-117F or
equivalent ground, shelter or manpack
communication systems.


Similar Part No. - AV2011

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV201R L-COM-AV201R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV201R L-COM-AV201R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV201R L-COM-AV201R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV201R L-COM-AV201R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV201R L-COM-AV201R Datasheet
823Kb / 2P
ADDERLink AV102T
More results

Similar Description - AV2011

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-3080-AT001 HARRIS-RF-3080-AT001 Datasheet
276Kb / 2P
ANTENNA, PORTABLE UHF SATCOM ANTENNA
logo
Z-Communications, Inc
PSA3500A ZCOMM-PSA3500A Datasheet
76Kb / 2P
Satellite Communication
PSA3600C-LF ZCOMM-PSA3600C-LF Datasheet
87Kb / 2P
Satellite Communication
logo
Bel Fuse Inc.
QRS11 BEL-QRS11 Datasheet
45Kb / 2P
Satellite Communication
logo
Ultralife Corporation.
AV2040 ULTRALIFE-AV2040 Datasheet
87Kb / 1P
UHF Satellite Communication (SATCOM) Antenna
23NOV10 REV:-
AV2055 ULTRALIFE-AV2055 Datasheet
76Kb / 1P
UHF Satellite Communication (SATCOM) Antenna
23NOV10 REV:-
AV2090-7 ULTRALIFE-AV2090-7 Datasheet
71Kb / 1P
X-Wing SATCOM Antenna
23NOV10 REV:-
AV2091 ULTRALIFE-AV2091 Datasheet
79Kb / 1P
Eggbeater SATCOM Antenna
23NOV10 REV:-
AV2094-1 ULTRALIFE-AV2094-1 Datasheet
73Kb / 1P
Self-Steering Vehicular UHF SATCOM Antenna System
23NOV10 REV:-
AV2097-1 ULTRALIFE-AV2097-1 Datasheet
133Kb / 1P
Self-Steering Vehicular UHF SATCOM Antenna System
23NOV10 REV:-
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com