Electronic Components Datasheet Search
  English  ▼

X  

ATA6564 Datasheet(PDF) 2 Page - Microchip Technology

Part # ATA6564
Description  High-Speed CAN Transceiver with Silent Mode - CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6564 Datasheet(HTML) 2 Page - Microchip Technology

  ATA6564 Datasheet HTML 1Page - Microchip Technology ATA6564 Datasheet HTML 2Page - Microchip Technology ATA6564 Datasheet HTML 3Page - Microchip Technology ATA6564 Datasheet HTML 4Page - Microchip Technology ATA6564 Datasheet HTML 5Page - Microchip Technology ATA6564 Datasheet HTML 6Page - Microchip Technology ATA6564 Datasheet HTML 7Page - Microchip Technology ATA6564 Datasheet HTML 8Page - Microchip Technology ATA6564 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ATA6564
DS20005784D-page 2
2017-2021 Microchip Technology Inc. and its subsidiaries
ATA6564 Family Members
Functional Block Diagram
Device
Grade 0 Grade 1
VDFN8
SOIC8 Description
ATA6564-GAQW0
x
x
Silent mode, VIO - pin for compatibility
with 3,3V and 5V microcontroller
ATA6564-GBQW0
x
x
Silent mode, VIO - pin for compatibility
with 3,3V and 5V microcontroller
ATA6564-GAQW1
x
x
Silent mode, VIO - pin for compatibility
with 3,3V and 5V microcontroller
ATA6564-GBQW1
x
x
Silent mode, VIO - pin for compatibility
with 3,3V and 5V microcontroller
Note 1: HSC: High-Speed Comparator.
Temperature
Protection
Control
Unit
Slope
Control
and
Driver
TXD
Time-Out-
Timer
VIO
VIO
VCC
V
CC
MUX
1
2
TXD
CANH
ATA6564
RXD
S
7
53
4
CANL
GND
6
8
VIO
HSC(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com