Electronic Components Datasheet Search
  English  ▼

X  

LAN8671 Datasheet(PDF) 5 Page - Microchip Technology

Part # LAN8671
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8671 Datasheet(HTML) 5 Page - Microchip Technology

  LAN8671 Datasheet HTML 1Page - Microchip Technology LAN8671 Datasheet HTML 2Page - Microchip Technology LAN8671 Datasheet HTML 3Page - Microchip Technology LAN8671 Datasheet HTML 4Page - Microchip Technology LAN8671 Datasheet HTML 5Page - Microchip Technology LAN8671 Datasheet HTML 6Page - Microchip Technology LAN8671 Datasheet HTML 7Page - Microchip Technology LAN8671 Datasheet HTML 8Page - Microchip Technology LAN8671 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
2.
Introduction
2.1
General Description
The Microchip LAN8670/1/2 is a compact, low power, and cost-effective single-port 10BASE-T1S Ethernet physical
layer transceiver designed according to the IEEE Std 802.3cg-2019 specification. The device provides 10 Mbit/s
half-duplex transmit and receive capability over single-balanced pair medium such as Unshielded Twisted Pair (UTP)
cable. The LAN8670/1/2 is designed for use in applications requiring extended temperature range (-40°C to +125°C).
The device is also compliant to industrial EMC and EMI requirements. The single power supply and simple analog
front end simplifies its integration into small form factor applications.
The LAN8670/1/2 allows for the creation of both multidrop and point-to-point network topologies. Point-to-point link
segments of up to at least 15m in length are supported. The multidrop mode supports up to at least 8 PHYs
connected to a common mixing segment of up to at least 25m in length. The ability to connect multiple PHYs to a
common mixing segment reduces weight and implementation costs by reducing cabling and switch ports.
The LAN8670/1/2 supports communication with an Ethernet MAC via standard MII/RMII interfaces. An integrated
serial management interface (SMI) provides rapid register access and configuration at up to 4 MHz.
Access to the physical medium is managed by CSMA/CD and optionally supplemented by Physical Layer Collision
Avoidance (PLCA).
The LAN8670/1/2 is designed to be used in functional safety related applications.
The Microchip LAN8670/1/2 family includes the following devices:
• LAN8670
• LAN8671
• LAN8672
Device specific features that do not pertain to the entire LAN8670/1/2 family are called out independently throughout
this document. Table 2-1 below provides a summary of the feature differences between family members.
Table 2-1. LAN8670/1/2 Family Feature Matrix
Part Number
Package
MII Support
RMII Support
PLCA Support
-40o to +125oC
LAN8670
32-VQFN
X
X
X
X
LAN8671
24-VQFN
X
X
X
LAN8672
36-VQFN
X
X
X
A system-level block diagram and internal block diagram of the LAN8670/1/2 are shown in the following figures.
LAN8670/1/2
Introduction
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com