Electronic Components Datasheet Search
  English  ▼

X  

DEV-11781 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-11781
Description  Teensy 2.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11781 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-11781 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Teensy++ 2.0
DEV-11 781 RO HS
   1
images are CC BY-NC-SA 3.0
Description: The Teensy is a breadboard-friendly development board with loads of
features in a, well, teensy package. The Teensy++ breaks out all of the IO available
on the AT90USB1286 to breadboard-friendly 0.1" spaced headers so you can hook
up a load of peripherals.
The Teensy++ comes pre-flashed with a bootloader so you can program it using the
on-board USB connection: No external programmer needed! You can program the
Teensy in your favorite IDE using C or you can install the Teensyduino add-on for the
Arduino IDE and write Arduino sketches for Teensy!
Note: This does not come with a USB cable, please check below for an appropriate
one.
Dimensions: 2" x 0.7" (50.8 x 17.8 mm)
Features:
• 8-Bit AVR Processor (AT90USB1286)
• 128K Flash Memory, 8K RAM, 4K EEPROM
• USB Can Emulate Any Type of Device
• Single Pushbutton Programming
• Arduino Compatible
• 8 Analog Inputs
• 46 Digital I/O Pins
• 9 PWM outputs
• SPI and I2C
10/22/2015
https://www.sparkfun.com/products/11781


Similar Part No. - DEV-11781

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-11791 SPARKFUN-DEV-11791 Datasheet
88Kb / 1P
Conductive Thread - 60g (Stainless Steel)
9??2??7
More results

Similar Description - DEV-11781

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRT-13925 ETC2-PRT-13925 Datasheet
97Kb / 1P
Teensy Header Kit
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-13996 SPARKFUN-DEV-13996 Datasheet
217Kb / 2P
Teensy Prop Shield LC
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
DEV-14056 SPARKFUN-DEV-14056 Datasheet
118Kb / 2P
Teensy 3.5 (Headers)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com