Electronic Components Datasheet Search
  English  ▼

X  

DEV-13955 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13955
Description  SparkFun OpenLog with Headers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13955 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13955 Datasheet HTML 1Page - SparkFun Electronics DEV-13955 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun OpenLog with Headers
DEV-13955
The SparkFun OpenLog with Headers is an open source data logger that works over a simple serial
connection and supports microSD cards up to 64GB. The OpenLog can store or "log" huge amounts
of serial data and act as a black box of sorts to store all the serial data that your project generates,
for scientific or debugging purposes. This version of th OpenLog even includes pre-soldered headers
for your convenience.
The SparkFun OpenLog uses an ATmega328 running at 16MHz thanks to the onboard resonator.
The OpenLog draws approximately 2-3mA in idle (nothing to record) mode. During a full record
OpenLog can draw 10 to 20mA depending on the microSD card being used.
All data logged by the OpenLog is stored on the microSD card. Any 512MB to 32GB microSD card
should work. OpenLog supports both FAT16 and FAT32 SD formats.
FEATURES
VCC Input: 3.3V-12V (Recommended 3.3V-5V)
Log to low-cost microSD FAT16/32 cards up to 32GB
Simple command interface
Configurable baud rates (up to 115200bps)
Preprogrammed ATmega328 and bootloader
Four SPI pogo pins
Two LEDs indicate writing status
2mA idle, 6mA at maximum recording rate
Pre-soldered Headers


Similar Part No. - DEV-13955

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
More results

Similar Description - DEV-13955

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
04-600-11 ARIES-04-600-11 Datasheet
302Kb / 1P
DIP Headers with Coined Contacts
12032 ARIES-12032 Datasheet
558Kb / 1P
DIP Headers with Coined Contacts
logo
List of Unclassifed Man...
KIT-14007 ETC2-KIT-14007 Datasheet
81Kb / 1P
SparkFun PiRetrocade
logo
SparkFun Electronics
DEV-14214 SPARKFUN-DEV-14214 Datasheet
186Kb / 2P
SparkFun weather:bit
6??6??7
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
ROB-14450 SPARKFUN-ROB-14450 Datasheet
155Kb / 2P
SparkFun Motor Driver - Dual TB6612FNG (with Headers)
11??3??7
SEN-14262 SPARKFUN-SEN-14262 Datasheet
178Kb / 2P
SparkFun Sound Detector (with Headers)
11??1??8
SPX-15846 SPARKFUN-SPX-15846 Datasheet
503Kb / 4P
OpenLog Artemis
4??3??0
GPS-11058 SPARKFUN-GPS-11058 Datasheet
112Kb / 2P
SparkFun Venus GPS with SMA Connector
9/29/2015
WRL-13804 SPARKFUN-WRL-13804 Datasheet
127Kb / 2P
SparkFun ESP8266 Thing - Dev Board (with Headers)
6??0??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com