Electronic Components Datasheet Search
  English  ▼

X  

AOP608 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOP608
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOP608 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOP608 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOP608 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOP608 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOP608 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOP608 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOP608 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOP608 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOP608
Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
2.3
3
V
ID(ON)
20
A
24.1
33
TJ=125°C
40
33.7
46
m
Ω
gFS
22
S
VSD
0.77
1
V
IS
6.3
A
Ciss
404
pF
Coss
95
pF
Crss
37
pF
Rg
2.7
Ω
Qg(10V)
9.2
nC
Qg(4.5V)
4.6
nC
Qgs
1.6
nC
Qgd
2.5
nC
tD(on)
4.3
ns
tr
3.4
ns
tD(off)
15
ns
tf
2.8
ns
trr
21.2
ns
Qrr
15.8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
VGS=0V, VDS=30V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Reverse Transfer Capacitance
Gate resistance
Output Capacitance
IS=1A,VGS=0V
VGS=10V, ID=6.3A
Diode Forward Voltage
VGS=10V, VDS=20V, RL=3Ω,
RGEN=3Ω
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
Turn-On Rise Time
Total Gate Charge
VGS=10V, VDS=20V, ID=6.3A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
m
Ω
VGS=4.5V, ID=5A
VDS=5V, ID=6.3A
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=10V, VDS=5V
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=32V, VGS=0V
N Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Body Diode Reverse Recovery Charge
Total Gate Charge
IF=6.3A, dI/dt=100A/µs
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=6.3A, dI/dt=100A/µs
Input Capacitance
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value
in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev 1: Aug 2005
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com