Electronic Components Datasheet Search
  English  ▼

X  

DEV-14444 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14444
Description  Relay Expansion Board for Onion Omega
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14444 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14444 Datasheet HTML 1Page - SparkFun Electronics DEV-14444 Datasheet HTML 2Page - SparkFun Electronics DEV-14444 Datasheet HTML 3Page - SparkFun Electronics DEV-14444 Datasheet HTML 4Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Relay Expansion Board for Onion Omega
DEV-14444
Description
The Relay Expansion Board enables your Omega to control two other independent
electrical circuits. The circuits are isolated from the Omega and can operate at much
higher or lower voltages, so you can control other circuits you’ve built or small
household appliances rated up to 60W. The Relay Expansion Board is perfect for
home automation projects because it gives you the ability to control other devices
remotely using your Omega.
Each Relay Expansion Board features two electromechanical relays that can switch
up to 60W and are rated for a maximum current of 2A with a maximum voltage of
220VDC or 250VAC. The screw terminals allow you to connect a variety of different
cables, leads and wires. This expansion board also comes with a 3-bit address switch,
allowing you to use up to eight relays with a single Omega, meaning you can control
up to 16 devices with just one Omega!
The Onion Omega boards we carry are separated into three different categories:
Mainboard, Dock and Expansion Board. This board falls into the Expansion Board
category, meaning you will need an Omega Dock that is equipped with a 30-pin
Expansion Header like the Expansion Dock or Arduino Dock R2.
 
Features
Number of Relays: 2
Relay Max Voltage: 250VAC
Relay Max Current: 2A
Relay Max Switching Power: 60W, 62.5VA
Relay Typical Switching Time: 1ms
Relay Max Switching Time: 3ms
30-pin Expansion Pins
 


Similar Part No. - DEV-14444

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14430 SPARKFUN-DEV-14430 Datasheet
210Kb / 2P
SparkFun ESP32 Thing Motion Shield
11??0??7
DEV-14431 SPARKFUN-DEV-14431 Datasheet
121Kb / 2P
Onion Omega2 IoT Computer
DEV-14438 SPARKFUN-DEV-14438 Datasheet
96Kb / 2P
Arduino Dock R2 for Onion Omega
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-14475 SPARKFUN-DEV-14475 Datasheet
223Kb / 3P
SparkFun Noisy Cricket Stereo Amplifier - 1.5W
4??0??8
More results

Similar Description - DEV-14444

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2160B RENESAS-H8S2160B Datasheet
173Kb / 24P
Expansion I/O Board (HS2160EIO61H) for E6000 Emulator
logo
Texas Instruments
DK-LM3S9B96-EM2 TI-DK-LM3S9B96-EM2 Datasheet
185Kb / 3P
Stellaris짰 EM2 Expansion Board for Development Kits
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
SPEAr320S expansion board for HMI applications
16-Jul-2012
EVALSPEAR320HMI STMICROELECTRONICS-EVALSPEAR320HMI Datasheet
149Kb / 3P
EVALSPEAr320HMI SPEAr320 expansion board for HMI applications
12-Apr-2011
logo
Texas Instruments
DK-LM3S9B96 TI1-DK-LM3S9B96_14 Datasheet
86Kb / 3P
FPGA Expansion Board for DK-LM3S9B96
logo
STMicroelectronics
X-NUCLEO-GFX01M1 STMICROELECTRONICS-X-NUCLEO-GFX01M1 Datasheet
8Mb / 5P
SPI display expansion board for STM32 Nucleo
for
X-NUCLEO-IHM09M1 STMICROELECTRONICS-X-NUCLEO-IHM09M1 Datasheet
489Kb / 6P
Motor control connector expansion board for STM32 Nucleo
23-Oct-2015
X-NUCLEO-STMODA1 STMICROELECTRONICS-X-NUCLEO-STMODA1 Datasheet
8Mb / 4P
STMod connector expansion board for STM32 Nucleo
10-Apr-2018
logo
SparkFun Electronics
DEV-14438 SPARKFUN-DEV-14438 Datasheet
96Kb / 2P
Arduino Dock R2 for Onion Omega
logo
STMicroelectronics
X-NUCLEO-IHM09M2 STMICROELECTRONICS-X-NUCLEO-IHM09M2 Datasheet
254Kb / 5P
Motor control connector expansion board for STM32 Nucleo
18-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com