Electronic Components Datasheet Search
  English  ▼

X  

DEV-14483 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-14483
Description  SparkFun AST-CAN485 Dev Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14483 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-14483 Datasheet HTML 1Page - SparkFun Electronics DEV-14483 Datasheet HTML 2Page - SparkFun Electronics DEV-14483 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thanks to the onboard CAN and RS485 transceivers, this development board allows for out-of-the-
box interfacing to either network.
The SparkFun AST-CAN485 Dev Board is based on the Atmel AT90CAN128 processor. The
processor runs at 16MHz, has 128kB or Flash, 4kB of SRAM and features a hardware CAN
controller. The CAN485 breaks out commonly used communications ports and pin functions
including: I2C, SPI, UARTs, eight analog inputs and six interrupt-enabled pins. Additionally, the AST-
CAN485 is equipped with an onboard regulator, allowing for an unregulated input voltage to be
supplied on the VIN pin to make the allowable input voltage range 7–16V. Please keep in mind,
however, that 7–12V is recommended.
CAN and RS485 form the backbone of many communications protocols with applications in
automation, industrial systems, building management, automotive systems, OBDII and many more.
With all of these features combined, you have an economical, handy board with a wide array of
functions in the palm of your hand!
FEATURES 
Uses the AT90CAN microcontroller
16MHz Clock
8 analog inputs
2 UARTs
16 Digital I/Os
DC Input: 5–16V (150mA Current Max)
RS485 Transceiver
CAN Transceiver
Pro Mini form factor
Works with Arduino
Onboard power and D13 LEDs
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com