Electronic Components Datasheet Search
  English  ▼

X  

COM-11192 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11192
Description  Foot Pedal Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11192 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11192 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Foot Pedal Switch
COM-11192
Description: Put the pedal to the metal with this metal foot switch. This is the same kind of foot
pedal you might find switching the power supply for a tattoo machine or as a sustain pedal on an
electric piano. The non-slip pad on top and rubber bumpers on the bottom keep the pedal from
slipping out of place during use. If you open it up, it’s a simple momentary switch and a big spring
and that’s about it. This pedal has, however, been described as “luxuriant, elegant and generous”
and I guess we’d have to agree. The 59 inch cable is terminated with a ¼" mono jack making it easy
to incorporate into your next build, sounds “elegant” to us.
Dimensions: 10.5 x 7 x 3 cm
 
                                                                       https://www.sparkfun.com/products/11192 5‐25‐17 


Similar Part No. - COM-11192

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11147 SPARKFUN-COM-11147 Datasheet
88Kb / 1P
LED Holder - 5mm (Chrome Finish)
10/8/2015
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
LED Holder - 10mm (Chrome Finish)
8/4/2016
More results

Similar Description - COM-11192

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Glenair, Inc.
600-074 GLENAIR-600-074 Datasheet
236Kb / 1P
600-074 Pneumatic Banding Tool Foot Pedal Control, and 600-065 Calibration Kit for All Banding Tools
logo
Molex Electronics Ltd.
0011200739 MOLEX11-0011200739 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
TE Connectivity Ltd
CAT-ATS0007 TEC-CAT-ATS0007 Datasheet
128Kb / 1P
BRAKE PEDAL SENSOR
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com