Electronic Components Datasheet Search
  English  ▼

X  

COM-11705 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11705
Description  Barrel Jack Power Switch - M-F (3")
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11705 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11705 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Barrel Jack Power Switch - M-F (3")
COM-1 1705
Description: We use barrel jacks a lot around here and sometimes we need to pop a
switch into the mix. That usually means hacking up a perfectly good barrel jack
extension cable, but the whole point of using the barrel jacks was so that we wouldn’t
have to hack things apart… Well, we found a solution: The Barrel Jack Power Switch.
Okay, it’s nothing fancy but it is really useful. Plug your power supply into one end
and the other into your project and, just like that, you’ve got a power switch! The on-
off rocker switch has a good stiff ‘click’ to it, so it isn’t easy to accidentally switch. It’s
also fairly small so it won’t add too much unnecessary bulk to your project.
Dimensions:
• Switch Body: ≈ 61 x 27 x 23mm
• Cable: 85mm long (each side)
• Barrel Connector: 5.5x2.1mm
8/3/2016
https://www.sparkfun.com/products/11705


Similar Part No. - COM-11705

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
Infrared Remote Control
8/4/2016
More results

Similar Description - COM-11705

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7269 POMONA-7269 Datasheet
164Kb / 1P
XLR/RCA Adapters, F/M, M/M, F/F, M/F
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
Winchester Electronics ...
KC-39-103 WINCHESTER-KC-39-103 Datasheet
52Kb / 1P
JACK, BNC,F
logo
Tripp Lite. All Rights ...
U324-003-KJ TRIPPLITE-U324-003-KJ Datasheet
543Kb / 2P
USB 3.0 SuperSpeed Keystone Jack Type-A Extension Cable (M/F), 3 ft.
logo
SparkFun Electronics
PRT-09518 SPARKFUN-PRT-09518 Datasheet
90Kb / 1P
9V to Barrel Jack Adapter
11/16/2015
PRT-10287 SPARKFUN-PRT-10287 Datasheet
90Kb / 1P
DC Barrel Jack Adapter - Male
8/5/2016
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com