Electronic Components Datasheet Search
  English  ▼

X  

A1015 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # A1015
Description  Photo Interrupters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

A1015 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  A1015 Datasheet HTML 1Page - Panasonic Semiconductor A1015 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transmissive Photosensors (Photo Interrupters)
CNA1015
IF , IC — Ta
60
50
40
30
20
10
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IF — VF
60
30
20
10
50
40
Forward voltage
V
F (V)
0.4
0.8
1.2
1.6
2.4
2.0
0
0
Ta = 25˚C
VF — Ta
1.6
1.2
0.8
0.4
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 40 – 20
0
20406080
100
– 40 – 20
0
20406080
100
– 40 – 20
IC — IF
10 2
10
1
10 –1
Forward current
I
F (mA)
110
10 2
10 –2
10 –1
VCE = 5V
Ta = 25˚C
IC — Ta
160
120
80
40
Ambient temperature
Ta (˚C )
0
VCE = 5V
IF = 20mA
ICEO — Ta
10 3
1
10 2
10 –1
10
Ambient temperature
Ta (˚C )
VCE = 10V
10 –2
tr — IC
10
1
10 –1
Collector current
I
C (mA)
110
102
10 –2
10 –1
10 2
VCC = 5V
Ta = 25˚C
IC — d
100
60
40
20
80
Distance d (mm)
12
6
5
4
3
0
0
VCE = 5V
Ta = 25˚C
IF = 20mA
IC — VCE
10 2
10
1
10 –1
Collector to emitter voltage
V
CE (V)
110
10 2
10 –2
10 –1
Ta = 25˚C
IF
IC
10mA
1mA
IF = 50mA
RL = 1kΩ
100
Ω
500
Ω
IF = 30mA
20mA
10mA
10%
90%
td
tr
tf
RL
VCC
Sig.
OUT
Sig.
OUT
50
Ω
Sig.IN
d
Criterion
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com