Electronic Components Datasheet Search
  English  ▼

X  

CS0034 Datasheet(PDF) 1 Page - Ultralife Corporation.

Part # CS0034
Description  Covert Operations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

CS0034 Datasheet(HTML) 1 Page - Ultralife Corporation.

  CS0034 Datasheet HTML 1Page - Ultralife Corporation. CS0034 Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Specifications
Part No.
CS0034
NSN
6135-99-425-1573
Voltage Range
10.5 to 14.4V
Average Voltage
11 to 12V
Nominal Capacity
238Ah
Max. Discharge
5.0A continuous
Pulse Capability
N/A
Weight
10kg max.
Operating Temperature
-15°C to 55°C
Storage Temperature
-32°C to 70°C
Exterior/Housing
Moulded ABS case
Terminals/Connector
Amphenol 62GB-56T08-33SN
Safety
Polyswitch
Material Safety Datasheet - MSDS095
Safety Guide UBM-5135
Transportation
Class 9 - U.S. and International (see note)
Export License
ECCN 3A611.x export license required to export
from U.S.
Harmonized Tariff Schedule
8506.50.0000
Note
A complete description of transportation
regulations, lithium weights and transportation
classifications is available on the Ultralife website.
Features
• Cable connection for powering military
devices
Applications
• Covert Operations
• Homeland Security
• Surveillance
CS0034 (M1)
Technical Datasheet
CS0034
Newark, New York | +1 315-332-7100 | Fax: +1 315-331-7800
©2020 Ultralife Corporation • www.ultralifecorp.com • All information is subject to change without notice.
The information contained herein is for reference only and does not constitute a warranty of performance. • 09 SEP 20 UBM-05285 Rev C


Similar Part No. - CS0034

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
CS0032 ULTRALIFE-CS0032 Datasheet
463Kb / 2P
Covert operations
28 AUG 15 Rev B
CS0033 ULTRALIFE-CS0033 Datasheet
420Kb / 2P
Covert operations
27 AUG 15 Rev B
More results

Similar Description - CS0034

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
Automated Erase Operations
logo
Level One
GTL-2881 LVL1-GTL-2881 Datasheet
402Kb / 4P
Support Operations
GTL-2882 LVL1-GTL-2882 Datasheet
436Kb / 4P
Support Operations
logo
Taoglas antenna solutio...
G20.B.305111.WMC TAOGLAS-G20.B.305111.WMC Datasheet
1Mb / 15P
Covert and Vandal Resistant
AA.109.301111 TAOGLAS-AA.109.301111 Datasheet
442Kb / 5P
Covert stylish design
logo
E-SWITCH
XF0375P E-SWITCH-XF0375P Datasheet
162Kb / 1P
ELECTRICAL LIFE: 50,000 OPERATIONS
XF0427P E-SWITCH-XF0427P Datasheet
193Kb / 1P
ELECTRICAL LIFE: 50,000 OPERATIONS
logo
Advanced Micro Devices
MI50 AMD-MI50 Datasheet
137Kb / 2P
Optimized Deep Learning Operations
logo
Ultralife Corporation.
CS0032 ULTRALIFE-CS0032 Datasheet
463Kb / 2P
Covert operations
28 AUG 15 Rev B
CS0033 ULTRALIFE-CS0033 Datasheet
420Kb / 2P
Covert operations
27 AUG 15 Rev B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com