Electronic Components Datasheet Search
  English  ▼

X  

LPAS-320U Datasheet(PDF) 2 Page - Ultralife Corporation.

Part # LPAS-320U
Description  Lightweight Portable Amplification System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

LPAS-320U Datasheet(HTML) 2 Page - Ultralife Corporation.

  LPAS-320U Datasheet HTML 1Page - Ultralife Corporation. LPAS-320U Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supported Radios:
Thales AN/PRC-148 MBITR
Thales AN/PRC-148 JEM
AN/PRC-152 and all variants
ITT Soldier Radio
Supported Power Supplies:
MRC-82A (Li-Ion)
MRC-92 (multichemistry)
MRC-93 (multichemistry)
MRC-99 (Lead Acid)
MRC-132 (Ni-MH)
PSU-40
A-320 Amplifier Features:
Frequency
30-512 MHz (full-spectrum)
RF Input
5 watts (nominal)
RF Output (FM)
20 watts
RF Output (AM)
20 watts PEP/110-512 MHz
Power
18-36 VDC
SINCGARS/
HAVEQUICK
Compatible
RF Connector
(RAD/ANT)
BNC/TNC
Operating Temp.
-40° to +60° C
Weather Resistant
Yes
Finish
Black, Anodized
LPAS-320U Features:
AC Input
95-265 VAC
DC Input
11-36 VDC
Radio Pocket
Universal
Size (inches)
10.35(W) x 11.3(L) x 3.5(H)
Environmental
Qualifications
MIL-STD-810G
Temperature
Shock
Vibration
Altitude
Humidity
Rain
Salt Fog
Sand & Dust
Reliability
+15,000 hours
MRC-93 Power Supply Indicators:
Battery
•
Charging
•
AC Operation
•
DC Operation
•
MRC-93 Features:
AC Input
95-270 VAC, 47-440 Hz
DC Input
9-36 VDC
DC Output
26.5 VDC @5.5 amps
(7 amps peak)
Size
3.27”H x 10.6”W x 6.25”D
Weight
3.75 lbs. (w/o battery)
Cables Included
PCP-35 AC input
PCP-65 DC input
Cables (Optional)
PCP-55 Auto - DC w/banana plugs
PCP-40 DC input
PCP-235 NATO input
©2014 Ultralife Corporation • www.ultralifecorp.com • all specifications subject to change without notice
The information contained herein is for reference only and does not constitute a warranty of performance • ULCS-9000-0015_B 5/28/14
www.ultralifecorporation.com/commsys
800-332-5000 | orders@ulbi.com
Follow Us Online:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com