Electronic Components Datasheet Search
  English  ▼

X  

0830713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830713
Description  Cable marking flags - WML-FLAGV 6 (20X10)R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830713 Datasheet HTML 1Page - PHOENIX CONTACT 0830713 Datasheet HTML 2Page - PHOENIX CONTACT 0830713 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0830713
09/11/2020   Page 1 / 3
Cable marking flags - WML-FLAGV 6 (20X10)R - 0830713
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable marking flags, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLLMASTER 300/600,
THERMOMARK X1.2, THERMOMARK ROLL X1, THERMOMARK ROLL 2.0, THERMOMARK ROLL,
mounting type: adhesive, cable diameter: ≤ 6 mm, lettering field size: 20 x 10 mm, Number of individual
labels: 2500
Your advantages
 Self-adhesive conductor marking as a flag
 High-quality marking created by thermal transfer printing
 Resistant to solvents
 Can be printed on both sides
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356724579
Technical data
Dimensions
Length (b)
20 mm
Width (a)
10 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 60 °C
General
Color
white
Base element material
Vinyl film
Type
Label
Components
free from silicone and halogen
Material
Polyolefine
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0830713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830710 PHOENIX-0830710 Datasheet
183Kb / 5P
WML 36 (25X38)A4 YE CUS - Cable marker
0830711 PHOENIX-0830711 Datasheet
182Kb / 5P
WML-FLAG 6 (20X10)R - Cable marking flags
0830712 PHOENIX-0830712 Datasheet
180Kb / 5P
WML-FLAG 6 (30X10)R - Cable marking flags
0830714 PHOENIX-0830714 Datasheet
181Kb / 5P
WML-FLAGV 6 (30X10)R - Cable marking flags
0830715 PHOENIX-0830715 Datasheet
175Kb / 4P
WML-FLAG 6 (20X10)R CUS - Cable marking flags
More results

Similar Description - 0830713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830564 PHOENIX-0830564 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (8X8)R
0830565 PHOENIX-0830565 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (15X6)R
0830566 PHOENIX-0830566 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (15X15)R
0830567 PHOENIX-0830567 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (20X7)R
0830569 PHOENIX-0830569 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (25X8)R
0830570 PHOENIX-0830570 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (25,4X12,7)R
0830571 PHOENIX-0830571 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (32X10)R
0830572 PHOENIX-0830572 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (35X6,5)R
0830574 PHOENIX-0830574 Datasheet
49Kb / 3P
Equipment marking - EML-ESD (45X5)R
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com