Electronic Components Datasheet Search
  English  ▼

X  

0830721 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0830721
Description  Cable marker carrier - KMK HP (29X8)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830721 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0830721 Datasheet HTML 1Page - PHOENIX CONTACT 0830721 Datasheet HTML 2Page - PHOENIX CONTACT 0830721 Datasheet HTML 3Page - PHOENIX CONTACT 0830721 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0830721
09/11/2020   Page 3 / 4
Cable marker carrier - KMK HP (29X8) - 0830721
Classifications
UNSPSC
UNSPSC 20.0
39131504
UNSPSC 21.0
39131504
Accessories
Accessories
Cable tie
Cable tie - WT-HP HF 3,6X140 - 0830982
Cable binders for quick and secure bundling, standard version
 
 
Cable tie - WT-HP HF 4,8X200 - 0830983
Cable binders for quick and secure bundling, standard version
 
 
Cable tie - WT-HP HF 4,5X290 - 0830984
Cable binders for quick and secure bundling, standard version
 
 
Conductor marking
Insert label - EMT (29X8)R - 0817277
Insert label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLLMASTER 300/600, THERMOMARK
X1.2, THERMOMARK ROLL X1, THERMOMARK ROLL 2.0, THERMOMARK ROLL, mounting type: insert, cable
diameter range: 10 ... 25 mm, lettering field size: 29 x 8 mm, Number of individual labels: 5400
 
 
Device marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com