Electronic Components Datasheet Search
  English  ▼

X  

27142002 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 27142002
Description  Fuse insert - S 6 A/380 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27142002 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  27142002 Datasheet HTML 1Page - PHOENIX CONTACT 27142002 Datasheet HTML 2Page - PHOENIX CONTACT 27142002 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0913032
09/11/2020   Page 2 / 3
Fuse insert - S 6 A/380 V - 0913032
Technical data
Ambient conditions
Ambient temperature (storage/transport)
-25 °C ... 55 °C (For a short time, not exceeding 24 h, -60 to +70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Classifications
eCl@ss
eCl@ss 10.0.1
27142002
eCl@ss 4.0
27142000
eCl@ss 4.1
27142000
eCl@ss 5.0
27142000
eCl@ss 5.1
27142000
eCl@ss 6.0
27142000
eCl@ss 7.0
27142002
eCl@ss 8.0
27142002
eCl@ss 9.0
27142002
ETIM
ETIM 2.0
EC000899
ETIM 3.0
EC000899
ETIM 4.0
EC000899
ETIM 5.0
EC002704
ETIM 6.0
EC002704
ETIM 7.0
EC002704
UNSPSC
UNSPSC 6.01
30211813
UNSPSC 7.0901
39121410
UNSPSC 11
39121412
UNSPSC 12.01
39121412
UNSPSC 13.2
39121627
UNSPSC 18.0
39121627
UNSPSC 19.0
39121627
UNSPSC 20.0
39121627
UNSPSC 21.0
39121627
Approvals
Approvals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com