Electronic Components Datasheet Search
  English  ▼

X  

27142002 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 27142002
Description  Fuse insert - S 63 A/380 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27142002 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  27142002 Datasheet HTML 1Page - PHOENIX CONTACT 27142002 Datasheet HTML 2Page - PHOENIX CONTACT 27142002 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0913100
09/11/2020   Page 1 / 3
Fuse insert - S 63 A/380 V - 0913100
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fuse insert, nominal current: 63 A, length: 36 mm, diameter: 15 mm, color: copper-colored
Your advantages
 Contains no lead, cadmium, chromium 6 (ROHS-compliant)
 NEOZED® fuse-links with gG characteristic for protecting lines and equipment
 Safe shutoff of impermissible overcurrents and short-circuit currents up to the nominal shutoff current
 Colored indicating pins on the butt contact show the operating state
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4017918008208
Technical data
General
Color
copper-colored
Maximum power dissipation for nominal condition
5.5 W
Dimensions
Length
36 mm
Diameter
15 mm
General
Fuse
gL/gK NEOZED
Nominal current IN
63 A
Nominal voltage UN
400 V AC (250 V DC)
Ambient conditions
Ambient temperature (operation)
-60 °C ... 85 °C


Similar Part No. - 27142002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27142002 PHOENIX-27142002 Datasheet
59Kb / 3P
Fuse insert - S 2 A/380 V
09/11/2020
27142002 PHOENIX-27142002 Datasheet
58Kb / 3P
Fuse insert - S 4 A/380 V
09/11/2020
27142002 PHOENIX-27142002 Datasheet
58Kb / 3P
Fuse insert - S 6 A/380 V
09/11/2020
27142002 PHOENIX-27142002 Datasheet
58Kb / 3P
Fuse insert - S 10 A/380 V
09/11/2020
27142002 PHOENIX-27142002 Datasheet
58Kb / 3P
Fuse insert - S 16 A/380 V
09/11/2020
More results

Similar Description - 27142002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP5864NG ONSEMI-NTP5864NG Datasheet
111Kb / 6P
Power MOSFET 60 V, 63 A, 12.4 mOhm
June, 2011 ??Rev. 0
logo
Schurter Inc.
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
logo
PHOENIX CONTACT
0913016 PHOENIX-0913016 Datasheet
59Kb / 3P
Fuse insert - S 2 A/380 V
09/11/2020
0913029 PHOENIX-0913029 Datasheet
58Kb / 3P
Fuse insert - S 4 A/380 V
09/11/2020
0913032 PHOENIX-0913032 Datasheet
58Kb / 3P
Fuse insert - S 6 A/380 V
09/11/2020
0913045 PHOENIX-0913045 Datasheet
58Kb / 3P
Fuse insert - S 10 A/380 V
09/11/2020
0913058 PHOENIX-0913058 Datasheet
58Kb / 3P
Fuse insert - S 16 A/380 V
09/11/2020
0913061 PHOENIX-0913061 Datasheet
59Kb / 3P
Fuse insert - S 20 A/380 V
09/11/2020
0913090 PHOENIX-0913090 Datasheet
58Kb / 3P
Fuse insert - S 50 A/380 V
09/11/2020
logo
WOLFSPEED, INC.
CAS380M17HM3 WOLFSPEED-CAS380M17HM3 Datasheet
1Mb / 12P
1700 V, 380 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com