Electronic Components Datasheet Search
  English  ▼

X  

0916613 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0916613
Description  Thermomagnetic device circuit breaker - UT 6-TMC M 16A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916613 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0916613 Datasheet HTML 1Page - PHOENIX CONTACT 0916613 Datasheet HTML 2Page - PHOENIX CONTACT 0916613 Datasheet HTML 3Page - PHOENIX CONTACT 0916613 Datasheet HTML 4Page - PHOENIX CONTACT 0916613 Datasheet HTML 5Page - PHOENIX CONTACT 0916613 Datasheet HTML 6Page - PHOENIX CONTACT 0916613 Datasheet HTML 7Page - PHOENIX CONTACT 0916613 Datasheet HTML 8Page - PHOENIX CONTACT 0916613 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
https://www.phoenixcontact.com/pi/products/0916613
09/11/2020   Page 2 / 9
Thermomagnetic device circuit breaker - UT 6-TMC M 16A - 0916613
Technical data
Electrical data
Rated surge voltage
2.8 kV
Rated voltage
240 V AC (50/60 Hz)
28 V DC
240 V AC (50/60 Hz)
28 V DC
Operating voltage
50 V AC ... 264 V AC (48 - 62 Hz)
5 V DC ... 30.8 V DC
Rated current IN
16 A
Rated insulation voltage Ui
440 V AC
Insulation resistance Riso
> 100 MΩ (main contact)
Required backup fuse
25 A
Rated short-circuit switching capacity Icn
200 A (240 V AC)
400 A (28 V DC)
Dielectric strength
2000 V
Switching cycles, max.
6000 (at 1 x In)
50 (at 1.5 x In)
40 (at 6 x In)
Degree of pollution
2
Overvoltage category
II
Dimensions
Height
85.5 mm
Width
12.3 mm
Depth
89.5 mm
Ambient conditions
Ambient temperature (operation)
-30 °C ... 60 °C
Altitude
2000 m (acc. to EN 60934)
Degree of protection
IP40 (Actuation area)
IP20 (Connection area)
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
10 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
10 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
8
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 6 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
6 mm²



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com