Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB211 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ISOUSB211
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISOUSB211 Datasheet HTML 19Page - Texas Instruments ISOUSB211 Datasheet HTML 20Page - Texas Instruments ISOUSB211 Datasheet HTML 21Page - Texas Instruments ISOUSB211 Datasheet HTML 22Page - Texas Instruments ISOUSB211 Datasheet HTML 23Page - Texas Instruments ISOUSB211 Datasheet HTML 24Page - Texas Instruments ISOUSB211 Datasheet HTML 25Page - Texas Instruments ISOUSB211 Datasheet HTML 26Page - Texas Instruments ISOUSB211 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
must be connected to ground as shown. Under this condition ISOUSB211 responds to BC 1.2 signaling from a
connected peripheral indicating to the peripheral that the port is capable of supply 1.5-A current on VBUS.
LDO
1
2
4
3
5
6
7
8
26
25
24
9
IN
GND
OUT
V3P3V1
VBUS1
VCC1
UD-
UD+
GND1
V1P8V1
28
Host/Hub
MCU
DGND
0 V
Digital
Ground
ISO
Ground
ISO
DC-DC
VCC
D2
D1
GND
CLK
Galvanic
Isolation Barrier
ISOUSB211
EN
3.3 VLV
3.3 VLV (local supply)
Downstream
Port
Connector
DM
DP
VCC
VBUS
GND
D-
D+
27
23
10
100 nF
0.1 µF
1 µF
1 µF
1 µF
EQ10
NC
GND1
EQ11
V2OK
V1P8V1
CDPENZ1
11
12
13
14
3.3 VLV
V3P3V2
VBUS2
VCC2
DD-
DD+
GND2
V1P8V2
EQ20
NC
GND2
EQ21
V1OK
V1P8V2
CDPENZ2
0.1 µF
20
18
17
16
15
3.3VLV
3.3 VLV
VBUS (5.0 V)
1.8 V
22
21
19
3.3 V
LDO/
DC-DC
Ferrite
Bead
3.3 µF
120 µF
10 nF
0.1 µF
2 µF
10 nF 0.1 µF
2 µF
10 nF
0.1 µF
2 µF
10 nF 0.1 µF 2 µF
Figure 8-1. Isolated Host or Hub with ISOUSB211
8.1.2 Isolated Peripheral - Self-Powered
Figure 8-2 shows an application for isolating a self-powered peripheral using ISOUSB211. In this example,
on the microntroller side, V3P3V2 and VBUS2 are together connected to an external 3.3-V supply. The V1P8V2
supply is generated using the internal 1.8-V LDO by providing 3.3-V supply to VCC1. On the connector side,
the VBUS from the USB connector is connected to VBUS1 and the V3P3V1 supply is generated using the internal
3.3-V LDO. VCC1 and V1P8V1 are connected together connected to an external 1.8-V supply derived from VBUS.
Please refer to Thermal Considerations section to further optimize power dissipation inside ISOUSB211 as
required.Decoupling capacitors are placed next to ISOUSB211 according to the recommendations provided in
the Power Supply Recommendations section. Note that the USB standard requires that, for a peripheral, the
total capacitor value on VBUS must be less than 10-μF. A 100-nF capacitor is recommended close to the VBUS
pin to handle tranisent currents. A ferrite bead (example: BLM18HE152SN1D) may be placed between VBUS
pin of the connector and the VBUS pin of ISOUSB211, as shown in the figure, to suppress transients such as
ESD.
www.ti.com
ISOUSB211
SLLSFC5 – NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com