Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2188
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2188 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 23Page - Texas Instruments OPA2188 Datasheet HTML 24Page - Texas Instruments OPA2188 Datasheet HTML 25Page - Texas Instruments OPA2188 Datasheet HTML 26Page - Texas Instruments OPA2188 Datasheet HTML 27Page - Texas Instruments OPA2188 Datasheet HTML 28Page - Texas Instruments OPA2188 Datasheet HTML 29Page - Texas Instruments OPA2188 Datasheet HTML 30Page - Texas Instruments OPA2188 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
9.2.3 System Examples
9.2.3.1 24-Bit, Delta-Sigma, Differential Load Cell or Strain Gauge Sensor Signal Conditioning
The OPA2182 is used in a 24-bit, differential load cell or strain gauge sensor signal conditioning system
alongside the ADS1225. The OPA2182 amplifier is configured in a two-amp instrumentation-amplifier (IA)
configuration, and is band-limited to reduce noise and allow heavy capacitive drive. The load cell is powered by
an excitation voltage (denoted VEX) of 5 V and provides a differential voltage proportional to force applied. The
differential voltage can be quite small and both outputs are biased to VEX / 2.
In this example, the OPA2182 is employed here because of the excellent input offset voltage (0.45 µV) and
input offset voltage drift (0.003 µV/°C), the low broadband noise (5.7 nV/√Hz) and zero-flicker noise, and
excellent linearity and high input impedance. The two-amp IA configuration removes the dc bias and amplifies
the differential signal of interest and drives the 24-bit, delta-sigma ADS1225 analog-to-digital converter (ADC)
for acquisition and conversion. The ADS1225 features a 100-SPS data rate, single-cycle settling, and simple
conversion control with a dedicated START pin.
ADS1225
AVDD
DVDD
GND
GND
BUFEN
TEMPEN
MODE
+3 V
+5 V
+3 V
MSP430xxx
or other host
DVDD
VREFP
VREFN
GND
GND
SCLK
DRDY / DOUT
START
OPAx182
±
+
±
+
+15 V
RF
10 k
RF
10 k
CF
1 µF
CF
1 µF
GND
OPAx182
±
+
±
+
+15 V
CF
1 µF
CF
1 µF
GND
RG
RG
Load Cell
±
OUT
+OUT
GND
+
±
+
±
+
±
GND
VEX
RTRACE
RTRACE
+SENSE
±
SENSE
C2
1 µF
C2
1 µF
R2
1 k
R2
1 k
R1
1 k
R1
1 k
C1
10 µF
C1
10 µF
C3
10 µF
C3
10 µF
GND
AINP1
AINN1
GND
RTRACE
RTRACE
+5 V
RF
10 k
RF
10 k
G = 1 + t ®
R
F
R
G
t ® RF
R
G
G = 1 + t ®
R
F
R
G
Figure 9-7. 24-Bit Differential Load Cell or Strain Gauge Sensor Signal Conditioning Schematic
www.ti.com
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com