Electronic Components Datasheet Search
  English  ▼

X  

DEV-10274 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-10274
Description  LilyPad Arduino Simple Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-10274 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-10274 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad Arduino Simple Board
DEV-10 274 RO HS

images are CC BY-NC-SA 3.0
Description: This is the LilyPad Arduino Simple Board. It’s controlled by an
ATmega328 with the Arduino bootloader. It has fewer pins than the LilyPad Arduino
Main Board, a built in power supply socket, and an on/off switch. Any of our LiPo
batteries can be plugged right into the socket. The Simple board is designed to
streamline your next sewable project by keeping things simple and giving you more
room to work and eliminating the need to sew a power supply. This revision does
away with the ISP header and adds a charging circuit based on the MCP73831 IC.
LilyPad is a wearable e-textile technology developed by Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad was creatively designed
to have large connecting pads to allow them to be sewn into clothing. Various input,
output, power, and sensor boards are available. They’re even washable!
Not sure which Arduino or Arduino-compatible board is right for you? Check out our
Arduino Buying Guide!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles and also to Arduino LLC to help fund
continued development of new tools and new IDE features.
Note: Because of the added battery charging circuitry the Simple is unable to power a
device from the FTDI header meaning that the Bluetooth Mate, for instance, is no
longer plug'n'play compatible.
Dimensions:
• 50mm outer diameter
• Thin 0.8mm PCB
10/12/2015
https://www.sparkfun.com/products/10274


Similar Part No. - DEV-10274

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-10275 SPARKFUN-DEV-10275 Datasheet
103Kb / 2P
LilyPad FTDI Basic Breakout - 5V
11/24/2015
More results

Similar Description - DEV-10274

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PICDEM2 MICROCHIP-PICDEM2 Datasheet
1Mb / 60P
simple board
2001
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09266 SPARKFUN-DEV-09266 Datasheet
109Kb / 1P
LilyPad Arduino 328 Main Board
10/13/2015
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12049 SPARKFUN-DEV-12049 Datasheet
108Kb / 1P
LilyPad Arduino USB - ATmega32U4 Board
10/13/2015
DEV-13264 SPARKFUN-DEV-13264 Datasheet
98Kb / 1P
LilyPad Pixel Board
10/14/2015
logo
Infineon Technologies A...
CYBT-243053-EVAL INFINEON-CYBT-243053-EVAL Datasheet
1Mb / 3P
EZBTTM MODULE ARDUINO EVALUATION BOARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com