Electronic Components Datasheet Search
  English  ▼

X  

DEV-10867 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-10867
Description  Conductive Thread Bobbin - 30ft (Stainless Steel)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-10867 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-10867 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conductive Thread Bobbin - 30ft (Stainless
Steel)
DEV-10 867 RO HS
Description: This is 30 feet of conductive thread spun from stainless steel fiber and
wound on a plastic bobbin. Use it to sew up all of your e-textile projects. This small
bobbin is a great way to get into wearable electronics without the upfront cost of
buying an entire spool of thread. 30 feet of thread is enough to get a simple design
stitched onto your shirt, backpack or hat.
What sets this thread apart from the other conductive thread that we carry is the fact
that it’s actually spun from this stainless steel fiber and doesn’t have a nylon core.
This means that while it may not be easy to solder to, because it’s stainless, it also
won’t burn up when you touch it with a soldering iron. Suitable for hand or machine
sewing (as a bobbin thread), it’s particularly ‘toothy’, which means that it grabs tight to
your fabric- if you’ve had problems with slippery conductive thread that won’t lay flat
or knot, this thread will be a welcome relief. We’ve had no trouble using it for close,
tight connections, but if you’re worried, waxing the thread should keep it manageable!
Features:
• Made from Stainless Steel Fibers
• Resistance: 28 Ohms/Ft
8/4/2016
https://www.sparkfun.com/products/10867


Similar Part No. - DEV-10867

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-10899 SPARKFUN-DEV-10899 Datasheet
99Kb / 1P
LilyTiny
10/12/2015
More results

Similar Description - DEV-10867

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
logo
SparkFun Electronics
DEV-11791 SPARKFUN-DEV-11791 Datasheet
88Kb / 1P
Conductive Thread - 60g (Stainless Steel)
9??2??7
DEV-13814 SPARKFUN-DEV-13814 Datasheet
107Kb / 1P
Smooth Thread Bobbin - 12m (Stainless Steel)
4/12/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com