Electronic Components Datasheet Search
  English  ▼

X  

DEV-10940 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-10940
Description  LilyPad SimpleSnap Protoboard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-10940 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-10940 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad SimpleSnap Protoboard
DEV-10 940 RO HS
   1
images are CC BY-NC-SA 3.0
Description: The LilyPad SimpleSnap Protoboard is a new, easy way to create
e-textiles projects with LilyPad that are modular and can be disassembled or broken
down, it’s also a great way to prototype! The SimpleSnap Protoboard is made to
connect to the SimpleSnap main board so that the board is removable from your
project for washing or so that multiple projects can share a board! The ring of male
snap connectors on the SimpleSnap Protoboard mate directly to the LilyPad
SimpleSnap main board, just sew the Protoboard to your project and the main board
can be attached and removed easily from your project without ripping stitches!
LilyPad is a wearable e-textile technology developed by Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad was creatively designed
to have large connecting pads to allow them to be sewn into clothing. Various input,
output, power, and sensor boards are available. They’re even washable!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles.
Dimensions:
• 50mm outer diameter
• Thin 0.8mm PCB
11/24/2015
https://www.sparkfun.com/products/10940


Similar Part No. - DEV-10940

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
More results

Similar Description - DEV-10940

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09102 SPARKFUN-DEV-09102 Datasheet
98Kb / 1P
LilyPad Protoboard Small
10/13/2015
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
PRT-08619 SPARKFUN-PRT-08619 Datasheet
213Kb / 1P
ProtoBoard - Wombat (PTH)
3/24/2017
PRT-13268 SPARKFUN-PRT-13268 Datasheet
160Kb / 2P
SparkFun Snappable Protoboard
9/29/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com