Electronic Components Datasheet Search
  English  ▼

X  

DEV-11260 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-11260
Description  LilyPad LiPower
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11260 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-11260 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad LiPower
DEV-11 260 RO HS
images are CC BY-NC-SA 3.0
Description: A small, but very mighty power supply. This board was designed to be
as small and inconspicuous as possible. The nice thing about LiPower is the ability to
use rechargable Lithium Polymer batteries. These batteries are smaller, flatter, and
last much longer than a AAA battery. Attach a single cell LiPo battery, flip the power
switch, and you will have a 5V supply to power your LilyPad network. Good up to
150mA. Short circuit protected.
This board has a JST connector, which will connect to our JST terminated single cell
3.7V LiPo batteries. It also has terminals for charging the LiPo battery with one of our
LiPo chargers.
LilyPad is a wearable e-textile technology developed by Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad was creatively designed
to have large connecting pads to allow them to be sewn into clothing. Various input,
output, power, and sensor boards are available. They’re even washable - but be sure
to remove the battery!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles.
Dimensions:
• 18mm outer diameter
• Thin 0.8mm PCB
10/13/2015
https://www.sparkfun.com/products/11260


Similar Part No. - DEV-11260

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
DEV-11259 SPARKFUN-DEV-11259 Datasheet
98Kb / 1P
LilyPad Power Supply
10/13/2015
DEV-11285 SPARKFUN-DEV-11285 Datasheet
106Kb / 1P
LilyPad Coin Cell Battery Holder - Switched - 20mm
10/13/2015
More results

Similar Description - DEV-11260

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13158 SPARKFUN-DEV-13158 Datasheet
106Kb / 1P
SparkFun LiPower Shield
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09350 SPARKFUN-DEV-09350 Datasheet
96Kb / 1P
LilyPad Slide Switch
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
DEV-14346 SPARKFUN-DEV-14346 Datasheet
245Kb / 2P
LilyPad ProtoSnap Plus
10????7
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
PRT-10255 SPARKFUN-PRT-10255 Datasheet
105Kb / 2P
LiPower - Boost Converter
10/9/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com