Electronic Components Datasheet Search
  English  ▼

X  

DEV-13814 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13814
Description  Smooth Thread Bobbin - 12m (Stainless Steel)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13814 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13814 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Smooth Thread Bobbin - 12m (Stainless
Steel)
DEV-13 814 RO HS
images are CC BY-NC-SA 3.0
Description: This is 12 meters of smooth conductive thread spun from stainless steel
fiber and wound on a plastic bobbin. Use it to sew up all of your e-textile projects. This
small bobbin is a great way to get into wearable electronics without the upfront cost of
buying an entire spool of thread. Close to 40 feet of thread is enough to get a simple
design stitched onto your shirt, backpack or hat.
What sets this thread apart from the other conductive thread that we carry is the fact
that it’s actually spun from 12UM stainless steel fiber making it incredibly smooth and
without the loose hairs seen on other bobbins. This means that while it may not be
easy to solder to, because it’s stainless, it also won’t burn up when you touch it with a
soldering iron. Suitable for hand or machine sewing (as a bobbin thread). We’ve had
no trouble using it for close, tight connections, but if you’re worried, waxing the thread
should keep it manageable!
Features:
• Material : 12UM Stainless steel fiber
• Gram Weight:0.2458g/m
• Strength:2.8KGF
• Diameter(mm):0.12
• Resistance (Ω/m) : 27
• 12m per spool (on plastic spools)
4/12/2016
https://www.sparkfun.com/products/13814


Similar Part No. - DEV-13814

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13883 SPARKFUN-DEV-13883 Datasheet
273Kb / 1P
LilyPad Coin Cell Battery Holder - Switched - 20mm
11/9/2016
More results

Similar Description - DEV-13814

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
logo
SparkFun Electronics
DEV-10867 SPARKFUN-DEV-10867 Datasheet
103Kb / 1P
Conductive Thread Bobbin - 30ft (Stainless Steel)
8/4/2016
DEV-11791 SPARKFUN-DEV-11791 Datasheet
88Kb / 1P
Conductive Thread - 60g (Stainless Steel)
9??2??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com