Electronic Components Datasheet Search
  English  ▼

X  

DEV-14010 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14010
Description  LilyPad LED Pink (5pcs)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14010 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14010 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad LED Pink (5pcs)
DEV-14 010 RO HS
Description: This is a simple pack of five Pink LilyPad LEDs that are still attached to
one another, letting you snap the LEDs apart at your leisure to sew into clothing or
whatever else you can dream up.
LilyPad is a wearable e-textile technology developed by Dr. Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad piece was creatively
designed with large sew tabs to allow them to be sewn into fabric. Various input,
output, power and sensor boards are available. They’re even washable (with special
care)!
Note: A portion of this sale is given back to Dr. Buechley for continued development
and education in e-textiles.
Dimensions:
• 5.5mm x 12.5mm
• Thin 0.8mm PCB
12/6/2016
https://www.sparkfun.com/products/14010


Similar Part No. - DEV-14010

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14011 SPARKFUN-DEV-14011 Datasheet
437Kb / 1P
LilyPad LED Green (5pcs)
11/9/2016
DEV-14012 SPARKFUN-DEV-14012 Datasheet
77Kb / 1P
LilyPad LED Blue (5pcs)
DEV-14013 SPARKFUN-DEV-14013 Datasheet
191Kb / 1P
LilyPad LED Red (5pcs)
12/2/2016
DEV-14014 SPARKFUN-DEV-14014 Datasheet
188Kb / 1P
LilyPad LED Yellow (5pcs)
12/2/2016
More results

Similar Description - DEV-14010

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPBR70ASS-N9 NICHIA-NSPBR70ASS-N9 Datasheet
249Kb / 13P
PINK LED
logo
Roithner LaserTechnik G...
5R4HCA-PH ROITHNER-5R4HCA-PH Datasheet
64Kb / 1P
PINK LED
logo
OptoSupply Internationa...
OSK5DKA131A OPTOSUPPLY-OSK5DKA131A_11 Datasheet
158Kb / 1P
10mm Roundd Pink LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-13902 SPARKFUN-DEV-13902 Datasheet
203Kb / 1P
LilyPad LED White (5pcs)
12/2/2016
DEV-14011 SPARKFUN-DEV-14011 Datasheet
437Kb / 1P
LilyPad LED Green (5pcs)
11/9/2016
DEV-14012 SPARKFUN-DEV-14012 Datasheet
77Kb / 1P
LilyPad LED Blue (5pcs)
DEV-14013 SPARKFUN-DEV-14013 Datasheet
191Kb / 1P
LilyPad LED Red (5pcs)
12/2/2016
DEV-14014 SPARKFUN-DEV-14014 Datasheet
188Kb / 1P
LilyPad LED Yellow (5pcs)
12/2/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com