Electronic Components Datasheet Search
  English  ▼

X  

LT8710 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8710
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8710 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8710 Datasheet HTML 28Page - Analog Devices LT8710 Datasheet HTML 29Page - Analog Devices LT8710 Datasheet HTML 30Page - Analog Devices LT8710 Datasheet HTML 31Page - Analog Devices LT8710 Datasheet HTML 32Page - Analog Devices LT8710 Datasheet HTML 33Page - Analog Devices LT8710 Datasheet HTML 34Page - Analog Devices LT8710 Datasheet HTML 35Page - Analog Devices LT8710 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTC7840
32
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Design Example
A two-stage step up converter is shown in Figure 20. The
two channels of LTC7840 are connected in cascade, i.e.,
the output of Channel 1 is tied to the input of Channel 2.
The output voltage of Channel 1 is 48V and the output
voltage of Channel 2 is 240V. The input voltage range
of Channel 1 is 9V to 36V. The maximum output current
of Channel 2 is 0.7A when the input voltage of Channel
1 is 12V.
1. The duty cycle range is:
DMAX1 =
VO1+ VF – VIN1
VO1+ VF
⎛
⎝⎜
⎞
⎠⎟
=
48V
+ 0.5V – 12V
48V
+ 0.5V
⎛
⎝⎜
⎞
⎠⎟ =
75.3%
DMIN1 =
48V
+ 0.5V – 36V
48V
+ 0.5V
⎛
⎝⎜
⎞
⎠⎟ =
25.8%
DMAX2 =
VO2 + VF – VO1
VO2 + VF
⎛
⎝⎜
⎞
⎠⎟
=
240V
+ 0.5V – 48V
240V
+ 0.5V
⎛
⎝⎜
⎞
⎠⎟ =
80%
2. The operating frequency is chosen to be 150kHz so
the period is 6.67μs. From Figure 6, the resistor from
the FREQ pin to SGND is 73.2k.
3. Channel 2 maximum DC input current is:
IIN2(MAX) =
IO2(MAX)
1– DMAX2
=
0.7A
1– 0.8
= 3.5A
Channel 1 maximum DC input current is:
IIN1(MAX) =
IO1(MAX)
1– DMAX1
=
IIN2(MAX)
1– DMAX1
=
3.5A
1– 0.753
= 14.17A
4. A ripple current of 40% is chosen so the peak current
in each inductor is:
IL1(PK) = 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟ •IIN1(MAX) = 1+
0.4
2
⎛
⎝⎜
⎞
⎠⎟ • 14.17A
= 17A
IL2(PK) = 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟ •IIN2(MAX) = 1+
0.4
2
⎛
⎝⎜
⎞
⎠⎟ • 3.5A
= 4.2A
Figure 20. 12V Input, 240V/0.7A Output Two-Stage Boost Converter
SW1
RUN1
ITH1
INTVCC
SGND
DRVCC
PGND
LTC7840
7840 F20
1nF
0.1µF
10µF
0805
VFB2
RUN2 PGOOD1 PGOOD2
33nF
100pF
73.2k
12.1k
84.5k
4.7µFx4
100V
1210
+
33µF
63V
10µH
SER2918H-103KL
V8P10
IDD04SG60C
11.8k
12.1k
475k
0805
15k
ITH2
47nF
100pF
46.4k
2.37M
1206
SS2
2.2µF
+
2m
2010
1m
2010
10nF
33µFx2
80V
4.7µFx7
100V
1210
+
8m
2010
100µF
x2
400V
33µF
80V
VOUT1
48V
VOUT
240V
0.7A
2.2µFx4
450V
2220
100µH
PCV-2-104-05L
VIN
12V
BLANK
CLKOUT
SYNC
DMAX
BSC047N08
STB45N40DM2AG
10
10nF
10
+
SW2
GATE2
SENSE2+
SENSE2–
VIN
GATE1
SENSE1+
ILIM1
SENSE1–
GATE2
SENSE2+
ILIM2
SENSE2–
VFB1
FREQ
SS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com