Electronic Components Datasheet Search
  English  ▼

X  

1059000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1059000000
Description  W-Series, End bracket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1059000000 Datasheet(HTML) 4 Page - Weidmuller

  1059000000 Datasheet HTML 1Page - Weidmuller 1059000000 Datasheet HTML 2Page - Weidmuller 1059000000 Datasheet HTML 3Page - Weidmuller 1059000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data sheet
 
WEW 35/1
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
 
Creation date October 6, 2021 7:15:02 AM CEST
 
Catalogue status 27.09.2021 / We reserve the right to make technical changes.
4
Blank
  WSmarkersaretheperfectmatchfortheW-series
connectors. Thanks to their system compatibility, the
WS tags can also be used with the I-series and the Z-
series. The large marking surfaces do not only permit
long character strings but also multi-line text.
WS markers are ideal for labels with long, customised
character strings. Thanks to the proven MultiCard format,
printing with PrintJet CONNECT oder/or Plotter is
possible.
• Can be fitted in strips or individually
• Markers in proven MultiCard format
For custom printing: Please send us a file of our
labeling software M-Print PRO or M-Print PRO Online
(without installation) for your labeling specifications.
General ordering data
Version
Type
WS 12/5 MC NE WS
Order No.
1609860000
GTIN (EAN) 4008190203481
Qty.
720 pc(s).
WS, Terminal marker, 12 x 5 mm, Pitch in mm (P): 5.00 Weidmueller,
Allen-Bradley, white
 
Blank
  TheDekafix(DEK)markeristheuniversalmarkerforall
conductor and plug-in connectors as well as for electronic
sub-assemblies. The system is ideal for short number
sequences and covers a wide range of ready-printed
markers.
Strips for fast installation in only one work step. The
printing is easy to read, rich in contrast and available
in various widths.
• Large range of ready-to-use markers
• Strips for fast installation
• Terminal markers, suitable for all Weidmüller cable
connectors
• Available as blank MultiCard or with standard printing
For custom printing: Please send us a file of our
labeling software M-Print PRO or M-Print PRO Online
(without installation) for your labeling specifications.
General ordering data
Version
Type
DEK 5/5 MC NE WS
Order No.
1609801044
GTIN (EAN) 4008190397111
Qty.
1,000 pc(s).
Dekafix, Terminal marker, 5 x 5 mm, Pitch in mm (P): 5.00
Weidmueller, white
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com