Electronic Components Datasheet Search
  English  ▼

X  

RFS117 Datasheet(PDF) 1 Page - Ultralife Corporation.

Part # RFS117
Description  RF Switch LOS / SATCOM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

RFS117 Datasheet(HTML) 1 Page - Ultralife Corporation.

  RFS117 Datasheet HTML 1Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RFS 117 Specifications
Frequency
'& 0+]
VSWR
 0D[
Isolation
G% 0LQ
Actuation
6HDOHG /HYHU
Connectors
SATCOM
%1& )HPDOH
LOS
%1& )HPDOH  0DOH 7KUHDG
Radio
%1& 0DOH  )HPDOH 7KUHDG
Weight
 OEV
Finish
%ODFN $QRGL]H
Environmental
0,/67'
www.ultralifecorporation.com
 7HFKQRORJ\ 3DUNZD\ 1HZDUN 1HZ <RUN _  _ )D[ 
‹ 8OWUDOLIH &RUSRUDWLRQ ‡ ZZZXOWUDOLIHFRUSFRP ‡ DOO VSHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
7KH LQIRUPDWLRQ FRQWDLQHG KHUHLQ LV IRU UHIHUHQFH RQO\ DQG GRHV QRW FRQVWLWXWH D ZDUUDQW\ RI SHUIRUPDQFH
1298%,5(9
RFS 117 RF Switch LOS / SATCOM
Details
7KH 5)6 DOORZV HDV\ PDQXDO
VZLWFKLQJ EHWZHHQ DWWDFKHG /26 DQG
6$7&20 DQWHQQDV ZKHQ LQVWDOOHG RQ D
35& RU HTXLYDOHQW UDGLR 5) RXWSXW
FRQQHFWRU 7KH SXOOWRWXUQ HPEHGGHG
VZLWFKLQJ PHFKDQLVP SURYLGHV VHFXUH
VHOHFWLRQ 7KUHDGV DUH PDGH RI VWDLQOHVV
VWHHO ZKLOH WKH FRPSDFW ERG\ RI WKH
GHYLFH LV OLJKWZHLJKW DOXPLQXP ILQLVKHG LQ
DQRGL]HG EODFN


Similar Part No. - RFS117

ManufacturerPart #DatasheetDescription
logo
Mersen
RFS110/RLS110 MERSEN-RFS110/RLS110 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
Coilcraft lnc.
RFS1113 COILCRAFT-RFS1113 Datasheet
207Kb / 2P
Shielded Power Inductors
RFS1113-103ME COILCRAFT-RFS1113-103ME Datasheet
192Kb / 2P
Shielded Power Inductors ??RFS1113
RFS1113-103ME COILCRAFT-RFS1113-103ME Datasheet
207Kb / 2P
Shielded Power Inductors
RFS1113-104ME COILCRAFT-RFS1113-104ME Datasheet
192Kb / 2P
Shielded Power Inductors ??RFS1113
More results

Similar Description - RFS117

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1888-03 STMICROELECTRONICS-SD1888-03 Datasheet
42Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
Nov-1992
SD1895-03 STMICROELECTRONICS-SD1895-03 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1897 STMICROELECTRONICS-SD1897 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
Jul-1993
SD1898 STMICROELECTRONICS-SD1898 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Nov-1992
logo
Integrated Device Techn...
F6101 IDT-F6101 Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
logo
Ultralife Corporation.
AV2090-10 ULTRALIFE-AV2090-10 Datasheet
61Kb / 1P
X-Wing SATCOM Antenna
23NOV10 REV:-
AV2090-7 ULTRALIFE-AV2090-7 Datasheet
71Kb / 1P
X-Wing SATCOM Antenna
23NOV10 REV:-
AV2091 ULTRALIFE-AV2091 Datasheet
79Kb / 1P
Eggbeater SATCOM Antenna
23NOV10 REV:-
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com