Electronic Components Datasheet Search
  English  ▼

X  

DEV-16156 Datasheet(PDF) 3 Page - SparkFun Electronics

Part # DEV-16156
Description  SparkFun Sensor Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16156 Datasheet(HTML) 3 Page - SparkFun Electronics

  DEV-16156 Datasheet HTML 1Page - SparkFun Electronics DEV-16156 Datasheet HTML 2Page - SparkFun Electronics DEV-16156 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Resistor 330 Ohm 1/4 Watt PTH - 20 pack (Thick Leads) - 1/6 Watt +/- 5% tolerance PTH
resistors. Commonly used in breadboards and perf boards, these 330Ω resistors make
excellent current-limiting resistors for LEDs.
(2) Qwiic Cable - 100mm - use these to connect up to three Qwiic boards in your kit.
Break Away Headers - Straight - Solder these pins to any of the breakouts on the included
boards to prototype on a breadboard.
 
 
 
 
 
https://www.sparkfun.com/products/16156/1‐26‐20 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com