Electronic Components Datasheet Search
  English  ▼

X  

DEV-16771 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-16771
Description  Teensy 4.1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16771 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-16771 Datasheet HTML 1Page - SparkFun Electronics DEV-16771 Datasheet HTML 2Page - SparkFun Electronics DEV-16771 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 
 
Teensy 4.1
DEV-16771
The Teensy 4.1 is the newest iteration of the astoundingly popular development platform that
features an ARM Cortex-M7 processor at 600MHz, with a NXP iMXRT1062 chip, four times larger
flash memory than the 4.0, and two new locations to optionally add more memory. The Teensy 4.1 is
the same size and shape as the Teensy 3.6 (2.4in by 0.7in), and provides greater I/O capability,
including an ethernet PHY, SD card socket, and USB host port.
When running at 600 MHz, the Teensy 4.1 consumes approximately 100mA current and provides
support for dynamic clock scaling. Unlike traditional microcontrollers, where changing the clock
speed causes wrong baud rates and other issues, Teensy 4.1 hardware and Teensyduino's software
support for Arduino timing functions are designed to allow dynamically speed changes. Serial baud
rates, audio streaming sample rates, and Arduino functions like delay() and millis(), and
Teensyduino's extensions like IntervalTimer and elapsedMillis, continue to work properly while the
CPU changes speed. Teensy 4.1 also provides a power shut off feature. By connecting a pushbutton
to the On/Off pin, the 3.3V power supply can be completely disabled by holding the button for five
seconds, and turned back on by a brief button press. If a coin cell is connected to VBAT, Teensy
4.1's RTC also continues to keep track of date & time while the power is off. Teensy 4.1 also can
also be overclocked, well beyond 600MHz!
The ARM Cortex-M7 brings many powerful CPU features to a true real-time microcontroller platform.
The Cortex-M7 is a dual-issue superscaler processor, meaning the M7 can execute two instructions
per clock cycle, at 600MHz! Of course, executing two simultaneously depends upon the compiler
ordering instructions and registers. Initial benchmarks have shown C++ code compiled by Arduino
tends to achieve two instructions about 40% to 50% of the time while performing numerically
intensive work using integers and pointers. The Cortex-M7 is the first ARM microcontroller to use
branch prediction. On M4, loops and other code which much branch take three clock cycles. With
M7, after a loop has executed a few times, the branch prediction removes that overhead, allowing
the branch instruction to run in only a single clock cycle.
Tightly Coupled Memory is a special feature which allows Cortex-M7 fast single cycle access to
memory using a pair of 64 bit wide buses. The ITCM bus provides a 64 bit path to fetch instructions.


Similar Part No. - DEV-16771

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-16129 SPARKFUN-DEV-16129 Datasheet
177Kb / 2P
SparkFun controller:bit - micro:bit Carrier Board
4????0
DEV-16156 SPARKFUN-DEV-16156 Datasheet
173Kb / 3P
SparkFun Sensor Kit
1??6??0
DEV-16267 SPARKFUN-DEV-16267 Datasheet
190Kb / 2P
GreatFET One
1??9??0
DEV-16524 SPARKFUN-DEV-16524 Datasheet
214Kb / 2P
Alchitry Br Prototype Element Board
9????0
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
More results

Similar Description - DEV-16771

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRT-13925 ETC2-PRT-13925 Datasheet
97Kb / 1P
Teensy Header Kit
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-16996 SPARKFUN-DEV-16996 Datasheet
196Kb / 3P
Teensy 4.1 (Headers)
8??0??0
DEV-14056 SPARKFUN-DEV-14056 Datasheet
118Kb / 2P
Teensy 3.5 (Headers)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com