Electronic Components Datasheet Search
  English  ▼

X  

UBBL03 Datasheet(PDF) 1 Page - Ultralife Corporation.

Part # UBBL03
Description  Rugged case construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

UBBL03 Datasheet(HTML) 1 Page - Ultralife Corporation.

  UBBL03 Datasheet HTML 1Page - Ultralife Corporation. UBBL03 Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Specifications
Part No.
UBBL03
NSN
6140-01-620-0555
Voltage Range
12.0 to 16.8V
Average Voltage
14.4V
Capacity
9.6Ah @C/5 Rate @ 23°C
Max. Discharge
3.0A continuous
Energy
138Wh
Energy Density
149Wh/kg, 209Wh/l
Weight
944g
Cycle Life
> 300 cycles @ C/5 to 80% of inital capacity
Memory
No Memory Effect
Operating Temperature
-20°C to 60°C
Storage Temperature
-20°C to 60°C
Self-Discharge
< 5% per month
Exterior/Housing
Hard plastic, lusterlessblack (Noryl N190X-701)
Terminals/Connector
Flat contacts: 302 stainless plated with Sulfomate
nickel per ASTM B689, type 1
Connector: Lemo HEN.1F.305.XLNP
Mating connector: Lemo FGN.1F.305.YLC
State of Charge Indicator
LED Display
Safety
Material Safety Datasheet - MSDS041
Safety Guide UBI-5112
Transportation
Class 9 International and within U.S. unless
shipped by motorcar or rail within U.S. (see note)
Export License
ECCN 3A611.x export license required to export
from U.S.
Harmonized Tariff Schedule
8507.60.0000
Protection
Over Voltage Limit: 4.35V (per cell)
Under Voltage Limit: 2.80V (per cell)
Over Current Protection: 5.5A
Re-settable Fuse: 70° ± 5°C
One-time thermal fuse 91°+ 0° /-4°C
Charging
Recommended charge rate at 2.0A to 16.8V in a
temperature range of 0°C to 45°C. Hold at 16.8V
until current declines to 750mA. Maximum charge
rate is 3.0A @ 23°C.
Note
A complete description of transportation
regulations, lithium weights and transportation
classifications is available on the Ultralife website.
Features
• Rugged case construction
• SmartCircuit® Technology - implements
SMBus v1.1 smart battery technology
• High energy density
• Wide operating temperature range
• Lightweight
• No memory effect
Applications
• Rugged, portable electronics
• Military training systems
• Back-up server power
Optional Chargers
• CH0007: 9-bay Rugged Smart Charger
• CH0016: Desktop Charger
Optional Cables
• CA0005: 5 Conductor Cable
• CA00010: 2 Conductor Cable
UBBL03 (LI-7)
Technical Datasheet
LI-7
Newark, New York | +1 315-332-7100 | Fax: +1 315-331-7800
©2017 Ultralife Corporation • www.ultralifecorp.com • All information is subject to change without notice.
The information contained herein is for reference only and does not constitute a warranty of performance. • 02 OCT 17 UBM-5160 Rev: L


Similar Part No. - UBBL03

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UBBL02-01 ULTRALIFE-UBBL02-01 Datasheet
512Kb / 3P
Flexible dual mode output voltage
Rev: D
UBBL02-01-CB ULTRALIFE-UBBL02-01-CB Datasheet
491Kb / 3P
Flexible dual mode output voltage
Rev: A
UBBL06 ULTRALIFE-UBBL06 Datasheet
501Kb / 2P
Rugged, portable electronic field equipment
Rev: N
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
Wide operating temperature range
Rev: C
UBBL06-02 ULTRALIFE-UBBL06-02 Datasheet
400Kb / 2P
Rugged, portable electronic field equipment
Rev: A
More results

Similar Description - UBBL03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
Durable, rugged construction
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
Durable, rugged construction
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
Rugged Construction
logo
M/A-COM Technology Solu...
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060_15 Datasheet
669Kb / 5P
Rugged Silicon-Glass Construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
Rugged construction
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
Rugged construction
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
rugged construction
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
Rugged construction SMD TCXO
logo
Linx Technologies
ANT-315-HETH LINX-ANT-315-HETH Datasheet
445Kb / 2P
Rugged phosphor-bronze construction
5/16/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com