Electronic Components Datasheet Search
  English  ▼

X  

BAE00KP Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00KP
Description  Lighting for Vision Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00KP Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00KP Datasheet HTML 1Page - Balluff Korea Ltd. BAE00KP Datasheet HTML 2Page - Balluff Korea Ltd. BAE00KP Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lighting for Vision Systems
BAE LX-VS-HI150
Order Code: BAE00KP
Internet
www.balluff.com
eCl@ss 9.1: 27-11-06-35
Subject to change without notice: 231210
ETIM 6.0: EC00996
BAE00KP_0.65_2021-10-12
1 / 3
Basic features
Approval/Conformity
CE
UKCA
EAC
WEEE
Operating mode
Normal (continuous operation)
Scope of delivery
Background light
Use
for Vision sensor BVS
Version
Background light
Display/Operation
Adjuster
no
Electrical connection
Cable length L
0.3 m
Conductor cross-section
0.34 mm²
Connection
M12x1-Male, 4-pin, A-coded
Connection type
Cable with connector, 0.3 m
Number of conductors
4
Polarity reversal protected
yes
Electrical data
Current draw max.
830 mA
Rated operating voltage Ue DC
24 V
Environmental conditions
Ambient temperature
-10...55 °C
IP rating
IP54
Functional safety
MTTF (40 °C)
455 a
Interface
Digital inputs
Trigger
Material
Housing material
Aluminum, anodized, black
Glass, PMMA
Surface protection
anodized, black


Similar Part No. - BAE00KP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00KH BALLUFF-BAE00KH Datasheet
108Kb / 2P
Capacitive Sensors
2024-09-18
BAE00KJ BALLUFF-BAE00KJ Datasheet
114Kb / 2P
Capacitive Sensors
2024-10-17
BAE00KR BALLUFF-BAE00KR Datasheet
121Kb / 2P
Lighting for Vision Systems
0.66_2021-10-12
More results

Similar Description - BAE00KP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE000F BALLUFF-BAE000F Datasheet
104Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE000H BALLUFF-BAE000H Datasheet
103Kb / 2P
Lighting for Vision Systems
0.71_2021-10-12
BAE000K BALLUFF-BAE000K Datasheet
124Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00NU BALLUFF-BAE00NU Datasheet
115Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00P0 BALLUFF-BAE00P0 Datasheet
119Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE011R BALLUFF-BAE011R Datasheet
125Kb / 2P
Lighting for Vision Systems
0.28_2021-10-22
BAE011T BALLUFF-BAE011T Datasheet
126Kb / 2P
Lighting for Vision Systems
0.34_2021-10-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com